Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 420Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 421Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 422Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 423Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 424Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 425Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 426Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 427Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 615 page
background image
SI/O3, 4
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-107
Figure 2.6.2. Serial I/O3, 4-related registers
SI/Oi bit rate generator (Note 1, 2)
b7
b0
Symbol
Address
When reset
S3BRG
036316
Indeterminate
S4BRG
036716
Indeterminate
Indeterminate
Assuming that set value = n, BRGi divides the count
source by n + 1
0016 to FF16
Values that can be set
W
R
SI/Oi transmit/receive register (Note)
b7
b0
Symbol
Address
When reset
S3TRR
036016
Indeterminate
S4TRR
036416
Indeterminate
Indeterminate
Transmission/reception starts by writing data to this register.
After transmission/reception finishes, reception data is input.
W
R
S I/Oi control register (i = 3, 4) (Note 1)
Symbol
Address
When reset
SiC
036216, 036616
4016
b7
b6
b5
b4 b3
b2
b1
b0
W
R
Description
SMi5
SMi1
SMi0
SMi3
SMi6
SMi7
Internal synchronous
clock select bit
Transfer direction select
bit
S I/Oi port select bit
(Note 2)
SOUTi initial value
set bit
0 0 : Selecting f1
0 1 : Selecting f8
1 0 : Selecting f32
1 1 : Must not be set.
b1 b0
0 : External clock
1 : Internal clock
Effective when SMi3 = 0
0 : L output
1 : H output
0 : Input-output port
1 : SOUTi output, CLK function
Bit name
Bit
symbol
Synchronous clock
select bit (Note 2)
0 : LSB first
1 : MSB first
SMi2
SOUTi output disable bit
0 : SOUTi output
1 : SOUTi output disable(high impedance)
Note 1: Set “1” in bit 2 of the protection register (000A16) in advance to write to the
S I/Oi control register (i = 3, 4).
Note 2:
When using the port as an input/output port by setting the SI/Oi port
select bit (i = 3, 4) to “0”, be sure to set the sync clock select bit to “1”.
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.
Note 1: Write a value to this register while transmit/receive halts.
Note 2: Use MOV instruction to write to this register.
Note: Write a value to this register while transmit/receive halts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com