Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 421Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 422Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 423Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 424Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 425Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 426Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 427Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 428Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 615 page
background image
SI/O3, 4
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-108
In transmitting data in this mode, choose functions from those listed in Table 2.6.1. Operations of the
circled items are described below. Figure 2.6.3 shows the operation timing, and Figures 2.6.4 and 2.6.5
show the set-up procedures.
2.6.2 Operation of SI/O3,4
(1) Transfer begins upon writing the SI/Oi transmit data.
The transmit data is sent out from the SOUTi pin synchronously with falling edges of the
transfer clock.
(2) When SOUT finishes sending one byte of data, the interrupt request bit is set to 1.
(3) After the transfer is completed, SOUT holds the last data for a 1/2 transfer clock period before
going to a high-impedance state.
• Do not write data to the SI/Oi transmit/receive register (i = 3, 4; addresses 036016, 036416)
during a transfer.
• Data can only be written to the SI/Oi transmit/receive register when the device is idle neither
sending nor receiving data.
Operation
Note
Table 2.6.1. Choosed functions
Item
Item
Set-up
Set-up
Transfer clock
source
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
O
SOUTi initial value
set function
Not used
Used
O
Transfer clock
LSB first
MSB first
O
Example of wiring
Figure 2.6.3. Operation timing of transmission in SI/O3, 4 mode
Example of operation
CLKi
SOUTi
CLK
SIN
Microcomputer
Receiver side IC
SI/Oi output
SOUTi
(3) High-
impedance
(i = 3, 4)
1.5 TCLK (Max)
D0
D1
D2
D3
D4
D5
D6
Hi-Z
TCLK
Internal clock
(1) Transmission enabled
SI/Oi transmit/receive
register write signal
CLKi
SI/Oi input
SINi
SI/Oi interrupt
request bit
TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f1, f8, f32)
n: value set to SiBRG
Cleared to “0” when interrupt request is accepted, or cleared by software
"1"
"0"
(2) Transmission
is complete
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com