Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 152Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 153Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 154Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 155Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 156Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 157Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 158Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 159Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register
1-137
UART2 Special Mode Register
The UART2 special mode register (address 037716) is used to control UART2 in various ways.
Figure 1.16.26 shows the UART2 special mode register.
Bit 0 of the UART2 special mode register (037716) is used as the I2C mode select bit.
Setting “1” in the I2C mode select bit (bit 0) goes the circuit to achieve the I2C bus (simplified I2C bus)
interface effective.
Table 1.16.9 shows the relation between the I2C mode select bit and respective control workings.
Since this function uses clock-synchronous serial I/O mode, set this bit to “0” in UART mode.
Figure 1.16.26. UART2 special mode register
UART2 special mode register
Symbol
Address
When reset
U2SMR
037716
0016
b7
b6
b5
b4 b3
b2
b1
b0
Bit
name
Bit
symbol
W
R
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
ABSCS
ACSE
SSS
I2C mode select bit
Bus busy flag
0 : STOP condition detected
1 : START condition detected
SCL L sync output
enable bit
Bus collision detect
sampling clock select bit
Arbitration lost detecting
flag control bit
0 : Normal mode
1 : I2C mode
0 : Update per bit
1 : Update per byte
IICM
ABC
BBS
LSYN
0 : Ordinary
1 : Falling edge of RxD2
0 : Disabled
1 : Enabled
Transmit start condition
select bit
Must always be “0”
0 : Rising edge of transfer
clock
1 : Underflow signal of timer A0
Auto clear function
select bit of transmit
enable bit
0 : No auto clear function
1 : Auto clear at occurrence of
bus collision
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Note 1: Nothing but “0” may be written.
Note 2: When not in I2C mode, do not set this bit by writing a “1”. During normal mode, fix it to “0”. When this
bit = “0”, UART2 special mode register 3 (U2SMR3 at address 037516) bits 7 to 5 (DL2 to DL0 = SDA
digital delay setup bits) are initialized to “000”, with the analog delay circuit selected. Also, when SDDS
= “0”, the U2SMR3 register cannot be read or written to.
Note 3: When analog delay is selected, only the analog delay value is effective; when digital delay is selected,
only the digital delay value is effective.
(Note1)
SDDS
SDA digital delay select
bit (Note 2, Note 3)
Must always be “0”
0 : Analog delay output
is selected
1 : Digital delay output
is selected
(must always be “0” when
not using I C mode)
2
UART2 special mode register 3 (I C bus exclusive use register)
Symbol
Address
When reset
U2SMR3
037516
Indeterminate
(However, when SDDS = “1”, the initial value is “0016”)
b7
b6 b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Function
(I C bus exclusive use register)
DL2
SDA digital delay setup
bit
(Note 1, Note 2, Note 3,
Note 4)
DL0
DL1
0 0 0 : Analog delay is selected
0 0 1 : 1 to 2 cycle(s) of 1/f(XIN)
0 1 0 : 2 to 3 cycles of 1/f(XIN)
0 1 1 : 3 to 4 cycles of 1/f(XIN)
1 0 0 : 4 to 5 cycles of 1/f(XIN)
1 0 1 : 5 to 6 cycles of 1/f(XIN)
1 1 0 : 6 to 7 cycles of 1/f(XIN)
1 1 1 : 7 to 8 cycles of 1/f(XIN)
2
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be
indeterminate. However, when SDDS = “1”, the value “0” is read out (Note 1)
2
b7 b6 b5
Note 1: This bit can be read or written to when UART2 special mode register (U2SMR at address 037716) bit
7 (SDDS: SDA digital delay select bit) = “1”. When the initial value of UART2 special mode register 3
(U2SMR3) is read after setting SDDS = “1”, the value is “0016”. When writing to UART2 special mode
register 3 (U2SMR3) after setting SDDS = “1”, be sure to write 0's to bits 0–4. When SDDS = “0”,
this register cannot be written to; when read, the value is indeterminate.
Note 2: These bits are initialized to “000” when SDDS = “0”, with the analog delay circuit selected. After a reset,
these bits are set to “000”, with the analog delay circuit selected. However, because these bits can be
read only when SDDS = “1”, the value read from these bits when SDDS = “0” is indeterminate.
Note 3: When analog delay is selected, only the analog delay value is effective; when digital delay is selected,
only the digital delay value is effective.
Note 4: The amount of delay varies with the load on SCL and SDA pins. Also, when using an external clock, the
amount of delay increases by about 100 ns, so be sure to take this into account when using the device.
Digital delay
is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com