Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 156Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 157Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 158Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 159Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 160Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 161Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 162Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 163Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
1-141
UART2 Special Mode Register 2
UART2 special mode register 2 (address 037616) is used to further control UART2 in I2C mode. Figure
1.16.29 shows the UART2 special mode register 2.
UART2 special mode register 2 (I C bus exclusive use register)
Symbol
Address
When reset
U2SMR2
037616
0016
b7
b6 b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Function
STAC
SWC2
SDHI
I C mode select bit 2
SCL wait output bit
0 : Disabled
1 : Enabled
SDA output stop bit
UART2 initialization bit
Clock-synchronous bit
Refer to Table 1.16.11
0 : Disabled
1 : Enabled
IICM2
CSC
SWC
ALS
0 : Disabled
1 : Enabled
SDA output disable bit
SCL wait output bit 2
0: Enabled
1: Disabled (high impedance)
0 : Disabled
1 : Enabled
0: UART2 clock
1: 0 output
2
SHTC
Start/stop condition
control bit
Set this bit to “1” in I2C mode
(refer to Table 1.16.12)
2
Figure 1.16.29. UART2 special mode register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com