Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 154Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 155Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 156Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 157Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 158Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 159Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 160Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 161Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register
1-139
An attempt to read Port P71 (SCL) results in getting the terminal’s level regardless of the content of the
port direction register. The initial value of SDA transmission output in this mode goes to the value set in
port P70. The interrupt factors of the bus collision detection interrupt, UART2 transmission interrupt, and
of UART2 reception interrupt turn to the start/stop condition detection interrupt, acknowledgment non-
detection interrupt, and acknowledgment detection interrupt respectively.
The start condition detection interrupt refers to the interrupt that occurs when the falling edge of the SDA
terminal (P70) is detected with the SCL terminal (P71) staying “H”. The stop condition detection interrupt
refers to the interrupt that occurs when the rising edge of the SDA terminal (P70) is detected with the SCL
terminal (P71) staying “H”. The bus busy flag (bit 2 of the UART2 special mode register) is set to “1” by the
start condition detection, and set to “0” by the stop condition detection.
The acknowledgment non-detection interrupt refers to the interrupt that occurs when the SDA terminal
level is detected still staying “H” at the rising edge of the 9th transmission clock. The acknowledgment
detection interrupt refers to the interrupt that occurs when SDA terminal’s level is detected already went
to “L” at the 9th transmission clock. Also, assigning 1 1 0 1 (UART2 reception) to the DMA1 request factor
select bits provides the means to start up the DMA transfer by the effect of acknowledgment detection.
Bit 1 of the UART2 special mode register (037716) is used as the arbitration lost detecting flag control bit.
Arbitration means the act of detecting the nonconformity between transmission data and SDA terminal
data at the timing of the SCL rising edge. This detecting flag is located at bit 11 of the UART2 reception
buffer register (037F16, 037E16), and “1” is set in this flag when nonconformity is detected. Use the
arbitration lost detecting flag control bit to choose which way to use to update the flag, bit by bit or byte by
byte. When setting this bit to “1” and updated the flag byte by byte if nonconformity is detected, the
arbitration lost detecting flag is set to “1” at the falling edge of the 9th transmission clock.
If update the flag byte by byte, must judge and clear (“0”) the arbitration lost detecting flag after complet-
ing the first byte acknowledge detect and before starting the next one byte transmission.
Bit 3 of the UART2 special mode register is used as SCL- and L-synchronous output enable bit. Setting
this bit to “1” goes the P71 data register to “0” in synchronization with the SCL terminal level going to “L”.
Figure 1.16.27 shows the functional block diagram for I2C mode. Setting “1” in the I2C mode select bit
(IICM) causes ports P70, P71, and P72 to work as data transmission-reception terminal SDA, clock input-
output terminal SCL, and port P72 respectively. A delay circuit is added to the SDA transmission output,
so the SDA output changes after SCL fully goes to “L”. The SDA digital delay select bit (bit 7 at address
037716) can be used to select between analog delay and digital delay. When digital delay is selected, the
amount of delay can be selected in the range of 2 cycles to 8 cycles of f1 using UART2 special mode
register 3 (at address 037516). Delay circuit select conditions are shown in Table 1.16.10.
Table 1.16.10. Delay circuit select conditions
Digital delay is
selected
001
111
000
(000)
1
0
1
1
1
Analog delay is
selected
No delay
0
0
(000)
IICM
SDDS
DL
Register value
Contents
When digital delay is selected, no analog delay is added. Only
digital delay is effective.
When DL is set to “000”, analog delay is selected no matter what
value is set in SDDS.
When SDDS is set to “0”, DL is initialized, so that DL =“000”.
When IICM = “0”, no delay circuit is selected. When IICM = “0”,
however, always make sure SDDS = “0”.
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com