Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 205Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 206Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 207Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 208Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 209Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 210Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 211Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 212Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
1-190
9
10
Min.
Data input setup time
ns
tsu(DB-RD)
tsu(RDY-BCLK )
Parameter
Symbol
Unit
Max.
Standard
RDY input setup time
ns
Data input hold time
ns
th(RD-DB)
th(BCLK -RDY)
ns
RDY input hold time
ns
HOLD input setup time
tsu(HOLD-BCLK )
ns
HOLD input hold time
th(BCLK-HOLD )
Data input access time (no wait)
ns
tac1(RD-DB)
ns
ns
tac2(RD-DB)
tac3(RD-DB)
Data input access time (with wait)
Data input access time (when accessing multiplex bus area)
ns
HLDA output delay time
td(BCLK-HLDA)
80
60
0
0
80
0
(Note)
(Note)
(Note)
Note: Calculated according to the BCLK frequency as follows:
100
ns
ns
tc
tw(H)
tw(L)
tr
tf
Max.
Min.
Parameter
Symbol
Unit
Standard
External clock rise time
External clock input
cycle time
External clock input
HIGH pulse width
External clock input
LOW pulse width
External clock fall time
18
18
tac1(RD – DB) =
f(BCLK) X 2
– 90
[ns]
tac2(RD – DB) =
f(BCLK) X 2
– 90
3 X 10
9
[ns]
tac3(RD – DB) =
f(BCLK) X 2
– 90
3 X 10
9
[ns]
Mask ROM, Flash memory 5V version
Mask ROM, Flash memory 5V version
Mask ROM, Flash memory 5V version
ns
100
ns
40
ns
40
VCC = 3V
Table 1.23.25. Memory expansion and microprocessor modes
Timing requirements (referenced to VCC = 3V, VSS = 0V at Topr = – 20oC to 85oC / – 40oC to 85oC (*)
unless otherwise specified)
* : Specify a product of -40
°C to 85°C to use it.
Table 1.23.24. External clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com