Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 207Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 208Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 209Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 210Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 211Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 212Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 213Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 214Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
1-192
Timing requirements (referenced to VCC = 3V, VSS = 0V at Topr = – 20oC to 85oC / – 40oC to 85oC (*)
unless otherwise specified)
* : Specify a product of -40
°C to 85°C to use it.
VCC = 3V
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time (counted on one edge)
150
ns
tw(TBH)
TBiIN input HIGH pulse width (counted on one edge)
60
ns
tw(TBL)
TBiIN input LOW pulse width (counted on one edge)
60
tw(TBH)
ns
TBiIN input HIGH pulse width (counted on both edges)
160
tw(TBL)
ns
TBiIN input LOW pulse width (counted on both edges)
160
tc(TB)
ns
TBiIN input cycle time (counted on both edges)
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input HIGH pulse width
300
tw(TBL)
ns
TBiIN input LOW pulse width
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input HIGH pulse width
300
tw(TBL)
ns
TBiIN input LOW pulse width
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(AD)
ADTRG input cycle time (trigger able minimum)
1500
ns
tw(ADL)
ADTRG input LOW pulse width
200
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tw(INH)
INTi input HIGH pulse width
380
ns
tw(INL)
INTi input LOW pulse width
380
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(CK)
CLKi input cycle time
300
ns
tw(CKH)
CLKi input HIGH pulse width
150
ns
tw(CKL)
CLKi input LOW pulse width
150
th(C-Q)
ns
TxDi hold time
0
tsu(D-C)
ns
RxDi input setup time
50
th(C-D)
ns
RxDi input hold time
90
td(C-Q)
ns
TxDi output delay time
160
Table 1.23.31. Timer B input (counter input in event counter mode)
Table 1.23.32. Timer B input (pulse period measurement mode)
Table 1.23.33. Timer B input (pulse width measurement mode)
Table 1.23.34. A-D trigger input
Table 1.23.35. Serial I/O
_______
Table 1.23.36. External interrupt INTi inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com