Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 208Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 209Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 210Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 211Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 212Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 213Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 214Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 215Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
1-193
td(BCLK-AD)
Address output delay time
60
ns
td(BCLK-CS)
Chip select output delay time
60
ns
th(BCLK-AD)
Address output hold time (BCLK standard)
4
ns
th(BCLK-CS)
Chip select output hold time (BCLK standard)
4
ns
td(BCLK-ALE)
ALE signal output delay time
60
ns
th(BCLK-ALE)
ALE signal output hold time
—
4
ns
td(BCLK-RD)
RD signal output delay time
60
ns
th(BCLK-RD)
RD signal output hold time
0
ns
th(RD-AD)
Address output hold time (RD standard)
0
ns
td(BCLK-WR)
WR signal output delay time
60
ns
th(BCLK-WR)
WR signal output hold time
0
ns
th(WR-AD)
Address output hold time (WR standard)
0
ns
td(BCLK-DB)
Data output delay time (BCLK standard)
80
ns
th(BCLK-DB)
Data output hold time (BCLK standard)
4
ns
td(DB-WR)
Data output delay time (WR standard)
(Note1)
ns
th(WR-DB)
Data output hold time (WR standard)(Note2)
0
ns
Note 1: Calculated according to the BCLK frequency as follows:
td(DB – WR) =
f(BCLK) X 2
10
9
– 80
[ns]
Symbol
Standard
Measuring condition
Max.
Min.
Parameter
Unit
Note 2: This is standard value shows the timing when the output is off,
and doesn't show hold time of data bus.
Hold time of data bus is different by capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t = –CR X ln (1 – VOL / VCC)
by a circuit of the right figure.
For example, when VOL = 0.2VCC, C = 30pF, R = 1k
Ω, hold time
of output “L” level is
t = – 30pF X 1k
Ω X ln (1 – 0.2VCC / VCC)
= 6.7ns.
DBi
R
C
Note 3: Specify a product of -40°C to 85°C to use it.
Switching characteristics (referenced to VCC = 3V, VSS = 0V at Topr = – 20oC to 85oC / – 40oC to
85oC (Note 3), CM15=“1” unless otherwise specified)
VCC = 3V
Figure 1.23.7
Table 1.23.37. Memory expansion and microprocessor modes (with no wait)
Figure 1.23.7. Port P0 to P10 measurement circuit
P6
P7
P8
P10
P9
P0
P1
P2
P3
P4
P5
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com