Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 232Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 233Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 234Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 235Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 236Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 237Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 238Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 239Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 615 page
background image
Description (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-217
Table 1.25.1. Outline performance of the M16C/62A (flash memory version)
Outline Performance
Table 1.25.1 shows the outline performance of the M16C/62A (flash memory version).
Item
Flash memory operation mode
Erase block
division
Program method
Erase method
Program/erase control method
Protect method
Number of commands
Program/erase count
Data retantion
Performance
Three modes (parallel I/O, standard serial I/O, CPU rewrite)
See Figure 1.25.1
One division (8 Kbytes) (Note)
In units of pages (in units of 256 bytes)
Collective erase/block erase
Program/erase control by software command
Protected for each block by lock bit
8 commands
100 times
Note: The boot ROM area contains a standard serial I/O mode control program which is stored in it when
shipped from the factory. This area can be erased and programmed in only parallel I/O mode.
User ROM area
Boot ROM area
ROM code protect
Parallel I/O and standard serial I/O modes are supported.
10 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com