Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 233Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 234Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 235Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 236Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 237Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 238Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 239Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 240Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 615 page
background image
Description (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-218
Flash Memory
The M16C/62A (flash memory version) contains the flash memory that can be rewritten with a single volt-
age. For this flash memory, three flash memory modes are available in which to read, program, and erase:
parallel I/O and standard serial I/O modes in which the flash memory can be manipulated using a program-
mer and a CPU rewrite mode in which the flash memory can be manipulated by the Central Processing Unit
(CPU). Each mode is detailed in the pages to follow.
The flash memory is divided into several blocks as shown in Figure 1.25.1, so that memory can be erased
one block at a time. Each block has a lock bit to enable or disable execution of an erase or program
operation, allowing for data in each block to be protected.
In addition to the ordinary user ROM area to store a microcomputer operation control program, the flash
memory has a boot ROM area that is used to store a program to control rewriting in CPU rewrite and
standard serial I/O modes. This boot ROM area has had a standard serial I/O mode control program stored
in it when shipped from the factory. However, the user can write a rewrite control program in this area that
suits the user’s application system. This boot ROM area can be rewritten in only parallel I/O mode.
Figure 1.25.1. Block diagram of flash memory version
0C000016
0D000016
Block 6 : 64K byte
Block 5 : 64K byte
0E000016
Block 4 : 64K byte
0F000016
Block 3 : 32K byte
0F800016
Block 2 : 8K byte
0FA00016
Block 1 : 8K byte
Block 0 : 16K byte
0FC00016
User ROM area
8K byte
0FE00016
0FFFFF16
0FFFFF16
Boot ROM area
Flash memory
size
Flash memory
start address
256Kbytes
0C000016
128Kbytes
0E000016
Note 1: The boot ROM area can be rewritten in
only parallel input/output mode. (Access
to any other areas is inhibited.)
Note 2: To specify a block, use the maximum
address in the block that is an even
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com