Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 234Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 235Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 236Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 237Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 238Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 239Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 240Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 241Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 615 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-219
CPU Rewrite Mode
In CPU rewrite mode, the on-chip flash memory can be operated on (read, program, or erase) under control
of the Central Processing Unit (CPU).
In CPU rewrite mode, only the user ROM area shown in Figure 1.25.1 can be rewritten; the boot ROM area
cannot be rewritten. Make sure the program and block erase commands are issued for only the user ROM
area and each block area.
The control program for CPU rewrite mode can be stored in either user ROM or boot ROM area. In the CPU
rewrite mode, because the flash memory cannot be read from the CPU, the rewrite control program must
be transferred to any area other than the internal flash memory before it can be executed.
Microcomputer Mode and Boot Mode
The control program for CPU rewrite mode must be written into the user ROM or boot ROM area in
parallel I/O mode beforehand. (If the control program is written into the boot ROM area, the standard
serial I/O mode becomes unusable.)
See Figure 1.25.1 for details about the boot ROM area.
Normal microcomputer mode is entered when the microcomputer is reset with pulling CNVSS pin low. In
this case, the CPU starts operating using the control program in the user ROM area.
When the microcomputer is reset by pulling the P55 pin low, the CNVSS pin high, and the P50 pin high, the
CPU starts operating using the control program in the boot ROM area. This mode is called the “boot”
mode. The control program in the boot ROM area can also be used to rewrite the user ROM area.
Block Address
Block addresses refer to the maximum even address of each block. These addresses are used in the
block erase command, lock bit program command, and read lock status command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com