Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 237Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 238Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 239Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 240Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 241Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 242Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 243Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 244Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 615 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-222
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing “1” and then “0” in succession) (Note 3)
Single-chip mode, memory expansion
mode, or boot mode
Set processor mode register (Note 1)
Using software command execute erase,
program, or other operation
(Set lock bit disable bit as required)
Jump to transferred control program in RAM
(Subsequent operations are executed by control
program in this RAM)
Transfer CPU rewrite mode control
program to internal RAM
Note 1: During CPU rewrite mode, set the BCLK as shown below using the main clock divide ratio select bits (bit 6
at address 000616 and bits 6 and 7 at address 000716):
6.25 MHz or less when wait bit (bit 7 at address 000516) = “0” (without internal access wait state)
12.5 MHz or less when wait bit (bit 7 at address 000516) = “1” (with internal access wait state)
Note 2: For CPU rewrite mode select bit to be set to “1”, the user needs to write a “0” and then a “1” to it in
succession. When it is not this procedure, it is not enacted in “1”. This is necessary to ensure that no
interrupt or DMA transfer will be executed during the interval. Write to this bit only when executing out of
an area other than the internal flash memory. Also only when NMI pin is “H” level.
Note 3: Before exiting the CPU rewrite mode after completing erase or program operation, always be sure to
execute a read array command or reset the flash memory.
Note 4: “1” can be set. However, when this bit is “1”, user ROM area is accessed.
(Boot mode only)
Write “0” to user ROM area select bit (Note 4)
Write “0” to CPU rewrite mode select bit
(Boot mode only)
Set user ROM area select bit to “1”
Set CPU rewrite mode select bit to “1” (by
writing “0” and then “1” in succession)(Note 2)
*1
*1
Program in ROM
Program in RAM
Figure 1.26.2. CPU rewrite mode set/reset flowchart
Figure 1.26.3. Shifting to the low speed mode flowchart
End
Start
XIN oscillating
Transfer the program to be executed in the
low speed mode, to the internal RAM.
Switch the count source of BCLK.
XIN stop. (Note 2)
Jump to transferred control program in RAM
(Subsequent operations are executed by control
program in this RAM)
Note 1: For flash memory power supply-OFF bit to be set to “1”, the user needs to write a “0” and then a “1” to it in
succession. When it is not this procedure, it is not enacted in “1”. This is necessary to ensure that no
interrupt or DMA transfer will be executed during the interval.
Note 2: Before the count source for BCLK can be changed from XIN to XCIN or vice versa, the clock to which
the count source is going to be switched must be oscillating stably.
Wait time until the internal circuit stabilizes
(Set NOP instruction about twice)
Set flash memory power supply-OFF bit to “0”
Set flash memory power supply-OFF bit to “1”
(by writing “0” and then “1” in succession)(Note 1)
*1
*1
Program in ROM
Program in RAM
Process of low speed mode
Wait until the XIN has stabilized
Switch the count source of BCLK (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com