Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 255Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 256Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 257Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 258Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 259Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 260Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 261Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 262Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 615 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-240
Overview of standard serial I/O mode 1 (clock synchronized)
In standard serial I/O mode 1, software commands, addresses and data are input and output between the
MCU and peripheral units (serial programer, etc.) using 4-wire clock-synchronized serial I/O (UART1).
Standard serial I/O mode 1 is engaged by releasing the reset with the P65 (CLK1) pin "H" level.
In reception, software commands, addresses and program data are synchronized with the rise of the
transfer clock that is input to the CLK1 pin, and are then input to the MCU via the RxD1 pin. In transmis-
sion, the read data and status are synchronized with the fall of the transfer clock, and output from the
TxD1 pin.
The TxD1 pin is for CMOS output. Transfer is in 8-bit units with LSB first.
When busy, such as during transmission, reception, erasing or program execution, the RTS1 (BUSY) pin
is "H" level. Accordingly, always start the next transfer after the RTS1 (BUSY) pin is "L" level.
Also, data and status registers in memory can be read after inputting software commands. Status, such
as the operating state of the flash memory or whether a program or erase operation ended successfully or
not, can be checked by reading the status register. Here following are explained software commands,
status registers, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com