Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 258Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 259Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 260Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 261Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 262Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 263Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 264Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 265Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 615 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-243
Clear Status Register Command
This command clears the bits (SR3–SR5) which are set when the status register operation ends in
error. When the “5016” command code is sent with the 1st byte, the aforementioned bits are cleared.
When the clear status register operation ends, the RTS1 (BUSY) signal changes from the “H” to the
“L” level.
Figure 1.29.5. Timing for clearing the status register
Page Program Command
This command writes the specified page (256 bytes) in the flash memory sequentially one byte at a
time. Execute the page program command as explained here following.
(1) Transfer the “4116” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively.
(3) From the 4th byte onward, as write data (D0–D7) for the page (256 bytes) specified with addresses
A8 to A23 is input sequentially from the smallest address first, that page is automatically written.
When reception setup for the next 256 bytes ends, the RTS1 (BUSY) signal changes from the “H” to
the “L” level. The result of the page program can be known by reading the status register. For more
information, see the section on the status register.
Each block can be write-protected with the lock bit. For more information, see the section on the data
protection function. Additional writing is not allowed with already programmed pages.
Figure 1.29.6. Timing for the page program
CLK1
RxD1
TxD1
RTS1(BUSY)
5016
(M16C reception data)
(M16C transmit data)
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
4116
data0
data255
(M16C reception data)
(M16C transmit data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com