Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 260Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 261Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 262Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 263Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 264Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 265Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 266Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 267Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 615 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-245
Erase All Unlocked Blocks Command
This command erases the content of all blocks. Execute the erase all unlocked blocks command as
explained here following.
(1) Transfer the “A716” command code with the 1st byte.
(2) Transfer the verify command code “D016” with the 2nd byte. With the verify command code, the
erase operation will start and continue for all blocks in the flash memory.
When block erasing ends, the RTS1 (BUSY) signal changes from the “H” to the “L” level. The result of the
erase operation can be known by reading the status register. Each block can be erase-protected with the
lock bit. For more information, see the section on the data protection function.
Figure 1.29.8. Timing for erasing all unlocked blocks
Lock Bit Program Command
This command writes “0” (lock) for the lock bit of the specified block. Execute the lock bit program
command as explained here following.
(1) Transfer the “7716” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively.
(3) Transfer the verify command code “D016” with the 4th byte. With the verify command code, “0” is
written for the lock bit of the specified block. Write the highest address of the specified block for
addresses A8 to A23.
When writing ends, the RTS1 (BUSY) signal changes from the “H” to the “L” level. Lock bit status can
be read with the read lock bit status command. For information on the lock bit function, reset proce-
dure and so on, see the section on the data protection function.
Figure 1.29.9. Timing for the lock bit program
CLK1
RxD1
TxD1
RTS1(BUSY)
A716
D016
(M16C reception data)
(M16C transmit data)
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
7716
D016
(M16C reception data)
(M16C transmit data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com