Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 256Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 257Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 258Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 259Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 260Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 261Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 262Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 263Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 615 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-241
Software Commands
Table 1.29.1 lists software commands. In the standard serial I/O mode 1, erase operations, programs and
reading are controlled by transferring software commands via the RxD1 pin. Software commands are
explained here below.
Table 1.29.1. Software commands (Standard serial I/O mode 1)
Control command
2nd byte
3rd byte
4th byte 5th byte 6th byte
1
Page read
2
Page program
3
Block erase
4
Erase all unlocked blocks
5
Read status register
6
Clear status register
7
Read lock bit status
8
Lock bit program
9
Lock bit enable
10
Lock bit disable
11
ID check function
12
Download function
13
Version data output function
14
Boot ROM area output
function
15
Read check data
Address
(middle)
Address
(middle)
Address
(middle)
D016
SRD
output
Address
(middle)
Address
(middle)
Address
(low)
Size (low)
Version
data
output
Address
(middle)
Check
data (low)
Address
(high)
Address
(high)
Address
(high)
SRD1
output
Address
(high)
Address
(high)
Address
(middle)
Size
(high)
Version
data
output
Address
(high)
Check
data
(high)
Data
output
Data
input
D016
Lock bit
data
output
D016
Address
(high)
Check-
sum
Version
data
output
Data
output
Data
output
Data
input
ID size
Data
input
Version
data
output
Data
output
Data
output
Data
input
ID1
To
required
number
of times
Version
data
output
Data
output
Data
output to
259th byte
Data input
to 259th
byte
To ID7
Version
data
output to
9th byte
Data
output to
259th
byte
FF16
4116
2016
A716
7016
5016
7116
7716
7A16
7516
F516
FA16
FB16
FC16
FD16
When ID is
not verified
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Acceptable
Not
acceptable
Acceptable
Not
acceptable
Not
acceptable
1st byte
transfer
Note 1: Shading indicates transfer from flash memory microcomputer to peripheral unit. All other data is trans-
ferred from the peripheral unit to the flash memory microcomputer.
Note 2: SRD refers to status register data. SRD1 refers to status register 1 data.
Note 3: All commands can be accepted when the flash memory is totally blank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com