Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 3Page - STMicroelectronics TDA7503 Datasheet HTML 4Page - STMicroelectronics TDA7503 Datasheet HTML 5Page - STMicroelectronics TDA7503 Datasheet HTML 6Page - STMicroelectronics TDA7503 Datasheet HTML 7Page - STMicroelectronics TDA7503 Datasheet HTML 8Page - STMicroelectronics TDA7503 Datasheet HTML 9Page - STMicroelectronics TDA7503 Datasheet HTML 10Page - STMicroelectronics TDA7503 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
N.
Name
Type
Reset
Status (1)
Function
5
MISO
I/O
I
Microcontroller SPI Master Input Slave Output Serial Data . Serial Data
Input for SPI style serial port when in SPI Master Mode and Serial Data
Output when in SPI Slave Mode.
8
SS/GPIOS
I/O
I
Microcontroller SPI Slave Select . Slave Select Input for SPI type serial
port. This pin can be used as a GPIO when the SPI is disabled or in
master mode.
32
PVCC
I
–
PLL Clock Power Supply . Vdd Pin for PLL Clock Oscillator.
28
XTO
O
High
Crystal Oscillator Output. Crystal Oscillator output drive.
29
XTI
I
–
Crystal Oscillator Input. External Clock Input or crystal connection.
30
FILT
O
High
PLL Loop Filter Capacitor Output. Capacitor connected between FILT
and XGND establishes primary PLL.
31
PGND
I
–
PLL Clock Ground Input. Ground connection for oscillator circuit.
53
VDDI3_CORE1
PWR
–
3.3V core supply.
23
VDDI3_CORE2
PWR
–
3.3V core supply.
2
VDDI3_CORE3
PWR
–
3.3V core supply.
73
VDDI3_CORE4
PWR
–
3.3V core supply.
54
VSSI3_CORE1
GND
–
Core ground.
22
VSSI3_CORE2
GND
–
Core ground.
3
VSSI3_CORE3
GND
–
Core ground.
74
VSSI3_CORE4
GND
–
Core ground.
27
VDDE5_SA1
PWR
–
5V supply for SAI pads.
26
VSSE5_SA1
GND
–
Ground for SAI pads.
10
VDDE5_CI1
PWR
–
5V supply for Control Interface Pads.
9
VSSE5_CI1
GND
–
Ground for Control Interface Pads.
71
VDDE5_MI1
PWR
–
5V supply for Micro Memory Interface Pads.
91
VDDE5_MI2
PWR
–
5V supply for Micro Memory Interface Pads.
72
VSSE5_MI1
GND
–
Ground for Micro Memory Interface Pads.
90
VSSE5_MI2
GND
–
Ground for Micro Memory Interface Pads.
44
VDDE5_DR1
PWR
–
5V supply for DSP EMI Interface Pads.
58
VDDE5_DR2
PWR
–
5V supply for DSP EMI Interface Pads.
45
VSSE5_DR1
GND
–
Ground for DSP EMI Interface Pads.
57
VSSE5_DR2
GND
–
Ground for DSP EMI Interface Pads.
PIN DESCRIPTION (continued)
TDA7503
7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com