Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7503 Datasheet HTML 1Page - STMicroelectronics TDA7503 Datasheet HTML 2Page - STMicroelectronics TDA7503 Datasheet HTML 3Page - STMicroelectronics TDA7503 Datasheet HTML 4Page - STMicroelectronics TDA7503 Datasheet HTML 5Page - STMicroelectronics TDA7503 Datasheet HTML 6Page - STMicroelectronics TDA7503 Datasheet HTML 7Page - STMicroelectronics TDA7503 Datasheet HTML 8Page - STMicroelectronics TDA7503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PIN DESCRIPTION
N.
Name
Type
Reset
Status (1)
Function
11
LRCKR
I
–
Audio Serial Port Receive Left/Right Frame Sync. The Left/Right select
signal for received serial audio data. This signal has a frequency equal to
the audio sample rate.
12
SCLKR
I
–
Audio Serial Port Receive Bit Clock. SCLK clocks received digital audio
data into pins SDI0, SDI1, SDI2, and SDI3
16
SDI0
I
–
Stereo Digital Audio Data. SDI0 is a stereo digital audio data input pin
channel 0.
15
SDI1
I
–
Stereo Digital Audio Data. SDI1 is a stereo digital audio data input pin
channel 1.
14
SDI2
I
–
Stereo Digital Audio Data. SDI2 is a stereo digital audio data input pin
channel 2.
13
SDI3
I
–
Stereo Digital Audio Data / Serial Receive Data. SDI3 is a stereo digital
audio data input pin and is multiplexed with the SSI’s Serial Receive
Data Input channel 3.
25
LRCKT
I
–
Audio Serial Port Transmit Left/Right Frame Sync /Frame Sync. The
Left/Right select signal for transmitted serial audio data. This signal has a
frequency equal to the audio sample rate. This signal is multiplexed with
the SSI’s Frame Sync Input.
24
SCLKT
I
–
Audio Serial Port Transmit Bit Clock/SSI Serial Bit Clock. SCLK clocks
digital audio data out of pins SDO0, SDO1, SD02, SD03, and SD04. This
pin is multiplexed with the SSI’s serial bit clock.
21
SDO0
O
High
Stereo Digital Audio Data. SDO0 is a stereo digital audio data output pin
channel 0.
20
SDO1
O
High
Stereo Digital Audio Data. SDO1 is a stereo digital audio data output pin
channel 1.
19
SDO2
O
High
Stereo Digital Audio Data. SDO2 is a stereo digital audio data output pin
channel 2.
18
SDO3
O
High
Stereo Digital Audio Data. SDO3 is a stereo digital audio data output pin
channel 3.
17
SDO4
O
High
Stereo Digital Audio Data /Serial Transmit Data. SDO4 is a stereo digital
audio data output pin and is multiplexed with the SSI’s Serial Transmit
Data Output channel 4.
34
SCANEN
I
–
SCAN Enable. Enable SCAN Path and MUXing of SCANIN and SCANOUT
Pins.
33
TESTEN
I
–
Test Enable. Enable Scan Mode Clocks. An active low signal will enable
the same clock to all scan chains. This pin also makes all latches
transparent.
49
SRA_D0/DRD0
I/O
I
DSP SRAM Multiplexed Address/Data Line 0/DSP DRAM Data Line
0.When in SRAM Mode these pins act as the EMI multiplexed address
and data line 0. When in DRAM Mode they act as the EMI data line 0.
48
SRA_D1/DRD1
I/O
I
DSP SRAM Multiplexed Address/Data Line 1/DSP DRAM Data Line
1.When in SRAM Mode these pins act as the EMI multiplexed address
and data line 1. When in DRAM Mode they act as the EMI data line 1.
47
SRA_D2/DRD2
I/O
I
DSP SRAM Multiplexed Address/Data Line 2/DSP DRAM Data Line
2.When in SRAM Mode these pins act as the EMI multiplexed address
and data line 2. When in DRAM Mode they act as the EMI data line 2.
46
SRA_D3/DRD3
I/O
I
DSP SRAM Multiplexed Address/Data Line 3/DSP DRAM Data Line
3.When in SRAM Mode these pins act as the EMI multiplexed address
and data line 3. When in DRAM Mode they act as the EMI data line 3.
43
SRA_D4/DRA0
I/O
O, High
DSP SRAM Multiplexed Address/Data Line 4/DSP DRAM Address Line
0. When in SRAM Mode these pins act as the EMI multiplexed address
and data line 4. When in DRAM Mode they act as the EMI address line 0.
TDA7503
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com