Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 10Page - STMicroelectronics TDA7503 Datasheet HTML 11Page - STMicroelectronics TDA7503 Datasheet HTML 12Page - STMicroelectronics TDA7503 Datasheet HTML 13Page - STMicroelectronics TDA7503 Datasheet HTML 14Page - STMicroelectronics TDA7503 Datasheet HTML 15Page - STMicroelectronics TDA7503 Datasheet HTML 16Page - STMicroelectronics TDA7503 Datasheet HTML 17Page - STMicroelectronics TDA7503 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
GENERAL PURPOSE I/O (GPIO) INTERFACE
Timing
Characteristics
mclk = 20MHz
Unit
Min.
Max.
tgod
XTI Edge to GPIO Out Valid (GPIO Out Delay Time)
--
26
ns
tgoh
XTI Edge to GPIO Out Not Valid (GPIO Out Hold Time)
2
--
ns
tgis
GPIO In Valid to XTI Edge (GPIO In Set-up Time)
10
--
ns
tgih
XTI Edge to GPIO In Not Valid (GPIO In Hold Time)
6
--
ns
Figure 10. GPIO Timing
t
t
ad
ds
mclk
XALE
XPSEN
OPLOAD
Address
Data
t acc
Figure 9. Timing diagram for External Memory Interface
For the calculation of slowest access time allowed for a memory attached to the M8051, the
following diagram illustrates the timing constraints. Slowest access time allowed, tacc =
4*mclk - tad -tds, where the worst case address delay, tad = 30 ns, and the worst case data
setup time, tds = 20 ns.
MICRO MEMORY INTERFACE
TDA7503
14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com