Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 4Page - STMicroelectronics TDA7503 Datasheet HTML 5Page - STMicroelectronics TDA7503 Datasheet HTML 6Page - STMicroelectronics TDA7503 Datasheet HTML 7Page - STMicroelectronics TDA7503 Datasheet HTML 8Page - STMicroelectronics TDA7503 Datasheet HTML 9Page - STMicroelectronics TDA7503 Datasheet HTML 10Page - STMicroelectronics TDA7503 Datasheet HTML 11Page - STMicroelectronics TDA7503 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDDC
3.3V Power Supply Voltage
3
3.3
3.6
V
VDDP
5V Power Supply Voltage
4.5
5
5.5
V
Tj
Operating Junction
Temperature
-40
125
°C
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low Level Input Current
Without pull-up device
Vi =0V
1
µA1
Iih
High Level Input Current
Without pull-down device
Vi = VDDP
1
µA1
Ioz
Tri-state Output leakage
Without pullup/down device
Vo = 0V or VDDP
1
µA1
Cin
Input capacitance
10
pF
2
Ilatchup
I/O Latch-up Current
V < 0V, V > VDDP
200
mA
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
3
Note 1: The leakage currents are generally very small, < 1nA. The value given here, 1mA, is a maximum that can occur after an Electrostatic
Stress on the pin.
Note 2: Guaranteed by design.
Note 3: Human Body Model.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Vil
Low Level Input Voltage
0.25
⋅ VDDP
V
Vih
High Level Input Voltage
0.7
⋅VDDP
V
Vol
Low Level Output Voltage
Iol = 2mA
0.4
V
1
Voh
High Level Output Voltage
Iol = -2mA
VDDP-0.4
V
1
Note 1: Takes into account 200mV voltage drop in both supply lines.
TDA7503
8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com