Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 17Page - STMicroelectronics TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics TDA7503 Datasheet HTML 23Page - STMicroelectronics TDA7503 Datasheet HTML 24Page - STMicroelectronics TDA7503 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
64 x 24-Bit Boot ROM.
Serial Audio Interface (SAI) multiplexed to both
DSPs.
Synchronous Serial Interface (SSI) multiplexed
to both DSPs.
XCHG Interface for DSP to DSP communica-
tion.
Host Interface (HI) for DSP to Micro communi-
cation.
External Memory Interface (DRAM/SRAM)
multiplexed to both DSPs for time-delay.
Single Debug Port multiplexed to both DSPs.
Cordic Arithmetic Unit
DATA AND PROGRAM MEMORY
Both DSP0 and DSP1 have an identical set of
Data and Program memories attached them.
Each of the memories are described below and it
is implied that there are two of each type, one set
connected to DSP0 and the other to DSP1. The
only exception is the case of the P-RAM where
DSP0 has a 768 x 24-Bit PRAM and DSP1 has a
1280 x 24-Bit PRAM.
256 x 24-Bit X-RAM (XRAM)
This is a 256 x 24-Bit Single Port SRAM used for
storing coefficients. The 16-Bit XRAM address,
XABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit XRAM Data,
XDBx(23:0), may be written to and read from the
Data ALU of the DSP core. The XDBx Bus is also
connected to the Internal Bus Switch so that it
can be routed to and from all peripheral blocks.
256 x 24 Bit Y-RAM (YRAM)
This is a 256 x 24-Bit Single Port SRAM used for
storing
coefficients.
The
16-Bit
address,
YABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit Data,
YDBx(23:0), is written to and read from the Data
ALU of the DSP core. The YDBx Bus is also con-
nected to the Internal Bus Switch so that it can be
routed to and from other blocks.
768 x 24-Bit Program RAM (PRAM 1280 x 24-bit
for DSP1)
This is a 768 x 24-Bit Single Port SRAM used for
storing and executing program code. The 16-Bit
PRAM Address, PABx(15:0) is generated by the
Program Address Generator of the DSP core for
Instruction Fetching, and by the AGU in the case
of the Move Program Memory (MOVEM) Instruc-
tion. The 24-Bit PRAM Data (Program Code),
PDBx(23:0), can only be written to using the
MOVEM instruction. During instruction fetching
the PDBx Bus is routed to the Program Decode
Controller of the DSP core for instruction decod-
ing.
256 x 24-Bit X-ROM (XROM)
This is a 256 x 24-Bit factory programmed X-
ROM. The 16-Bit address, XABx(15:0) is gener-
ated by the AGU Unit. The 24-Bit Data is multi-
plexed onto the XDBx Bus when the address is
valid.
256 x 24-Bit Y-ROM (YROM)
This is a 256 x 24-Bit factory programmed Y-
ROM. The 16-Bit address, YABx(15:0) is gener-
ated by the AGU Unit. The 24-Bit Data is multi-
plexed onto the YDBx Bus when the address is
valid.
128 x 24-Bit Bootstrap ROM (PROM)
This is a 128 x 24-Bit factory programmed Boot
ROM used for storing the program sequence for
initializing the DSP. Essentially this consists of a
routine that is called when the M8051 requests
that a DSP image be sent via the Host Interface.
It is the task of the Boot code to read the data be-
ing sent by the micro from the Host Interface
FIFO and store it in PRAM, XRAM, YRAM, and/or
external DRAM.
Operating Mode Register
The operating mode register contains one bit to
choose between boot mode (always from the
Host Interface) or normal mode (execution from
PRAM). This bit will be set when the DSP is reset
(by writing to the RSDSPx bit in the CLKCNTL
register). It must be cleared by the boot code to
enable execution from PRAM.
DSP Memory Maps
The DSP memory Maps are shown in Figure 26.
Serial Audio Interface (SAI)
The SAI is used to deliver digital audio to the
DSPs from an external source. Once processed
by the DSPs, it can be returned through this inter-
face. There is only one SAI on the chip that can
be accessed by either DSP. The features of the
SAI are listed below.
Five Synchronized Stereo Data Transmission
Lines
Four Synchronized Stereo Data Reception
Lines
Slave operating mode, all clock lines are in-
puts
TDA7503
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com