Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics TDA7503 Datasheet HTML 23Page - STMicroelectronics TDA7503 Datasheet HTML 24Page - STMicroelectronics TDA7503 Datasheet HTML 25Page - STMicroelectronics TDA7503 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
features of the HI are listed below.
8 Word Host Receive FIFO - DSP Side
4 Word Host Receive FIFO - Host (8051) Side
Two Flags for each HI for DSP to Host signal-
ing (can optionally trigger interrupts)
Command Vector Register allows Host to trig-
ger any DSP vectored interrupt
DRAM/SRAM Interface (EMI)
The External DRAM/SRAM Interface is viewed as
a memory mapped peripheral. Data transfers are
performed by moving data into/from data regis-
ters and the control is exercised by polling status
flags in the control/status register or by servicing
interrupts. An external memory write is executed
by writing data into the EMI Data Write Register.
An external memory read operation is executed
by either writing to the offset register or reading
the EMI Data Read Register, depending on the
configuration.
The features of the EMI are listed below.
Data bus width fixed at 4 bits for DRAM and 8
bits for SRAM.
Data word length choices of 16 or 24 bits.
Nine DRAM address lines means 218 = 256KB
addressable DRAM.
Refresh rate for DRAM can be chosen among
eight divider factor.
SRAM relative addressing mode with multi-
plexed address/data lines; 214= 16KB ad-
dressable SRAM.
Four SRAM Timing choices.
Two Read Offset Registers.
Debug Interface
The Debug Port is multiplexed to both of the DSP
Cores via a select pin. Only one DSP can be de-
bugged at a time. The debug logic is contained in
the core design of the DSP. The features of the
Debug Port are listed below:
Breakpoint Logic
Trace Logic
Single stepping
Instruction Injection
Program Disassembly
CORDIC Co-Processor
The CORDIC Co-Processor is used to convert
rectangular to polar coordinates. .
The CORDIC Unit has an 18 Bit data path
throughout. When reading 24 bit words from the
DSP the upper 6 bits are truncated. When writing
to the DSP the upper 6 bits are zeroed.
Either DSP may write an X and Y coordinate to
the CORDIC unit and, 17 clock cycles later, the
magnitude and angle information will be available
from the CORDIC Unit.
8051 Embedded Microcontroller
The microcontroller serves as the on-chip system
controller and operates from 64K of external
EPROM with 1K of internal RAM. In addition, it
contains a small program in internal RAM that al-
lows the micro to program the external EPROM.
The micro will boot a network interface program
from external EPROM. If a command to program
the EPROM is received from the network then the
following sequence will be initiated: The micro will
read a ROM image from the network via a net-
work chip attached to the micro’s SPI. Then the
micro will switch to running out of internal RAM
and begin programming the external EPROM
with the image read from the network. This allows
the personality of the system to be set after the
system has been manufactured. The external
EPROM also holds the DSP programs and initial-
izing values. The micro will copy these images to
the DSP via an on-chip host interface (HI).
In addition to the 8051 Core the following mem-
ory and control functions are required:
Internal Memory Interface to 256 Bytes of Sin-
gle Port Static RAM and 768 Bytes of AUX-
RAM
External Memory Interface to EPROM and
Memory Mapped Peripheral I/O
Host Interface for Micro to DSP Communica-
tion
Serial Peripheral Interface (SPI)
Control Interface for Interrupts and GPIO
PLL Clock Oscillator
Internal Memory Interface
The 8051 requires an internal memory interface
to connect to the internal 256 RAM locations and
the 768 Auxiliary RAM.
Micro Memory Interface
The 8051 core requires an external memory inter-
face to connect to external program memory and
memory mapped peripherals. This is imple-
mented like the standard 80C51 Port 2/Port 0
Multiplexed 16 Bit Address/8 Bit Data Bus. . The
signals RD, WR, XPSEN, and XALE will also be
output. The External Memory Interface must also
have circuitry to program the external EPROM (or
any non-volatile memory) in-circuit. This means
that the normal operation of the external memory
interface must be altered to handle the program
timing of the EPROM. By treating the Port 2/Port
0 pins as GPIO the programming can be
TDA7503
23/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com