Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 5Page - STMicroelectronics TDA7503 Datasheet HTML 6Page - STMicroelectronics TDA7503 Datasheet HTML 7Page - STMicroelectronics TDA7503 Datasheet HTML 8Page - STMicroelectronics TDA7503 Datasheet HTML 9Page - STMicroelectronics TDA7503 Datasheet HTML 10Page - STMicroelectronics TDA7503 Datasheet HTML 11Page - STMicroelectronics TDA7503 Datasheet HTML 12Page - STMicroelectronics TDA7503 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
POWER CONSUMPTION
Symbol
Parameter
Value
Unit
Ptot
Maximum current for core power supply @ 3.3V
320
mA
Note: 40MHz internal DSP clock at Tamb
EXTERNAL CLOCKS (XTI Pin)
The TDA7503 system clock is externally supplied via the XTI pin.
Timings shown in this document are valid for clock rise and fall times of 3ns maximum.
Symbol
Characteristics
Value
Unit
Fext
Max. Frequency @ XTI when PLL is disabled
20
MHz
When PLL is enabled see constraints for Internal Clocks.
INTERNAL CLOCKS
Symbol
Characteristics
Expression
fDSP_MAX
Maximum DSP Internal Operation Frequency (dclk)
40MHz
fµP_MAX
Maximum
µP (8051) Internal Operation Frequency (mclk)
20MHz
fDSP
Internal DSP Clock Cycle Frequency (dclk)
MF
⋅ Fext
2
⋅ DF
fµP
Inernal
µP (8051) Clock Cycle Frequency (mclk)
MF
⋅ Fext
4
⋅ DF
Icyc_DSP
DSP Machine Cycle Time
dclk
Icyc_µP
µP (8051) Machine Cycle Time
mclk/12
Note 1: If the DCKSRC bit of the clock control register is 0 then dclk = Fext/2.
Note 2: If the MCKSRC bit of the clock control register is 1 then mclk = Fext else of MCKSRC0 is 0 then MC LK = Fext/4.
Note 3: DF is PLL input devide factor, bits IDF [4:0] of PLL control register one.
Note 4: MF is PLL multiply devide factor, bits MP [6:0] of PLL control register zero.
PHASE LOCKED LOOP (PLL) CHARACTERISTICS
Characteristics
Expression
Value
Unit
VCO frequency when PLL enabled
MF
⋅ Fext
DF
40 to 80
MHz
Recommended PLL external capacitor (pin
FILT)
3.3
nF
RESET
Characteristics
Expression
Unit
Minimum RESET assertion
100/Fext
ns
TDA7503
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com