Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 14Page - STMicroelectronics TDA7503 Datasheet HTML 15Page - STMicroelectronics TDA7503 Datasheet HTML 16Page - STMicroelectronics TDA7503 Datasheet HTML 17Page - STMicroelectronics TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
EXTERNAL MEMORY INTERFACE (EMI) SRAM MODE
Characteristics
40MHz
Unit
Min.
Max.
Address Valid and CS Assertion Pulse Width
89
--
ns
Address Valid to RD or WR Assertion
23
--
ns
RD or WR Assertion Pulse Width
45
--
ns
RD or WR Negation to RD or WR Assertion
39
--
ns
RD or WR Negation to Address not Valid
5
--
ns
Address Valid to Input Data Valid
--
72
ns
RD Assertion to Input Data Valid
--
35
ns
RD Negation to Data Not Valid (Data Hold Time)
0
--
ns
Address Valid to WR Negation
73
--
ns
Data Setup Time to WR Negation
32
--
ns
Data Hold Time from WR Negation
5
--
ns
WR Assertion to Data Valid
--
18
ns
WR Negation to Data High-Z (Note 1)
--
23
ns
WR Assertion to Data Active
5
--
ns
TDA7503
18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com