Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7503 Datasheet HTML 1Page - STMicroelectronics TDA7503 Datasheet HTML 2Page - STMicroelectronics TDA7503 Datasheet HTML 3Page - STMicroelectronics TDA7503 Datasheet HTML 4Page - STMicroelectronics TDA7503 Datasheet HTML 5Page - STMicroelectronics TDA7503 Datasheet HTML 6Page - STMicroelectronics TDA7503 Datasheet HTML 7Page - STMicroelectronics TDA7503 Datasheet HTML 8Page - STMicroelectronics TDA7503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
N.
Name
Type
Reset
Status (1)
Function
42
SRA_D5/DRA1
I/O
O, High
DSP SRAM Multiplexed Address/Data Line 5/DSP DRAM Address Line
1. When in SRAM Mode these pins act as the EMI multiplexed address
and data line 5. When in DRAM Mode they act as the EMI address line 1.
41
SRA_D6/DRA2
I/O
O, High
DSP SRAM Multiplexed Address/Data Line 6/DSP DRAM Address Line
2. When in SRAM Mode these pins act as the EMI multiplexed address
and data line 6. When in DRAM Mode they act as the EMI address line 2.
40
SRA_D7/DRA3
I/O
O, High
DSP SRAM Multiplexed Address/Data Line 7/DSP DRAM Address Line
3. When in SRAM Mode these pins act as the EMI multiplexed address
and data line 7. When in DRAM Mode they act as the EMI address line 3.
56
SRA8/DRA4
O
High
DSP SRAM Address Line 8/DSP DRAM Address Line 4. When in SRAM
Mode these pins act as the EMI address line 8. When in DRAM Mode
they act as the EMI address line 4.
59
SRA9/DRA5
O
High
DSP SRAM Address Line 9/DSP DRAM Address Line 5. When in SRAM
Mode these pins act as the EMI address line 9. When in DRAM Mode
they act as the EMI address line 5.
62
SRA10/DRA6
O
High
DSP SRAM Address Line 10/DSP DRAM Address Line 6. When in
SRAM Mode these pins act as the EMI address line 10.When in DRAM
Mode they act as the EMI address line 6.
60
SRA11/DRA7
O
High
DSP SRAM Address Line 11/DSP DRAM Address Line 7. When in
SRAM Mode these pins act as the EMI address line 11. When in DRAM
Mode they act as the EMI address line 7.
50
SRA12/DRA8
O
High
DSP SRAM Address Line 12/DSP DRAM Address Line 8. When in
SRAM Mode these pins act as the EMI address line 12. When in DRAM
Mode they act as the EMI address line 8.
55
SRA13/RAS
O
High
DSP SRAM Address Line 13/DRAM Row Address Strobe. When in
SRAM Mode this pin acts as the EMI address lines 13. When in DRAM
Mode this pin acts as the row address strobe.
51
ALE/CAS
O
High
DSP SRAM Address latch enable/colomn Address. When in SRAM
Mode this pin acts as the EMI Address Latch Enable. When in DRAM
Mode this pin acts as the column address strobe.
52
DWR
O
High
DSP SRAM Write Enable/DRAM Write Enable. This pin serves as the
write enable for the EMI when in DRAM and SRAM Modes.
61
DRD
O
High
DSP SRAM Read Enable/DRAM Read Enable. This pin serves as the
read enable for the EMI when in DRAM and SRAM Modes.
36
DBCK/OS1
I/O
I
Debug Port Bit Clock/Chip Status 1. The serial clock for the Debug Port
is provided when an input. When an output, together with OS0 provides
information about the chip status. Can also be used as GPIO for the
8051.
37
DBIN/OS0
I/O
I
Debug Port Serial Input/Chip Status 0. The serial data input for the
Debug Port is provided when an input. When an output, together with
OS1 provides information about the chip status. Can also be used as
GPIO for the 8051.
35
DBOUT
I/O
I
Debug Port Serial Output. The serial data output for the Debug Port. Can
also be used as a GPIO for the 8051.
38
DBRQN
I
–
Debug Port Request Input. Means of entering the Debug mode of
operation.
39
DBSEL
I
–
Debug Port MUX Selection. Selects either DSP0 or DSP1 to be
connected to the Debug Port pins.
67
RA8(P2.0)
I/O
I
Microcontroller High Byte Address Lines. This pin is the address line 8 of
a 16 bit address, for external EPROM and memory mapped devices. It
can also act as GPIO using the P2 and P2DIR registers.
68
RA9(P2.1)
I/O
I
Microcontroller High Byte Address Lines. This pin is the address line 9 of
a 16 bit address, for external EPROM and memory mapped devices. It
can also act as GPIO using the P2 and P2DIR registers.
PIN DESCRIPTION (continued)
TDA7503
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com