Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 11Page - STMicroelectronics TDA7503 Datasheet HTML 12Page - STMicroelectronics TDA7503 Datasheet HTML 13Page - STMicroelectronics TDA7503 Datasheet HTML 14Page - STMicroelectronics TDA7503 Datasheet HTML 15Page - STMicroelectronics TDA7503 Datasheet HTML 16Page - STMicroelectronics TDA7503 Datasheet HTML 17Page - STMicroelectronics TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Debug Port Interface
No.
Characteristics
dclk = 40MHz
Unit
Min.
Max.
1
DBCK rise time
--
3
ns
2
DBCK fall time
--
3
ns
3
DBCK Low
40
--
ns
4
DBCK High
40
--
ns
5
DBCK Cycle Time
200
--
ns
6
DBRQN Asserted to DBOUT (ACK) Asserted
5 TDSP
--
ns
7
DBCK High to DBOUT Valid
--
42
ns
8
DBCK High to DBOUT Invalid
3
--
ns
9
DBIN Valid to DBCK Low (Set-up)
15
--
ns
10
DBCK Low to DBIN Invalid (Hold)
3
--
ns
DBOUT (ACK) Asserted to First DBCK High
2 Tc
--
ns
DBOUT (ACK) Assertion Width
4.5 TDSP -3
5 TDSP +7
ns
11
Last DBCK Low of Read Register to First DBCK High of Next
Command
7TDSP +10
--
ns
12
Last DBCK Low to DBOUT Invalid (Hold)
3
--
ns
DBSEL setup to DBCK
TDSP
ns
TDA7503
15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com