Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 16Page - STMicroelectronics TDA7503 Datasheet HTML 17Page - STMicroelectronics TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics TDA7503 Datasheet HTML 23Page - STMicroelectronics TDA7503 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Row address 1
Column address 1
Column address 2
Row address 2
DWR
CAS
DRA [8:0]
RAS
nibble 1
nibble 2
DRD[3:0]
Figure 19. DRAM Write Cycle.
FUNCTIONAL DESCRIPTION.
The Aladdin IC broken up into two distinct blocks.
One block contains the two DSP Cores and their
associated peripherals. The other contains the
M8051 Core and its associated peripherals. The
interface between the two blocks is the Host In-
terface.
24-BIT DSP CORE.
The two DSP cores are used to process the con-
verted analog audio data coming from the
CODEC chip via the SAI and return it for analog
conversion. Functions such as volume, tone, bal-
ance, and fader control, as well as spatial en-
hancement and general purpose signal process-
ing may be performed by the DSPs.
Some capabilities of the DSPs are listed below:
Single cycle multiply and accumulate with con-
vergent rounding and condition code genera-
tion
2 x 56-bit Accumulators
Double precision multiply
Scaling and saturation arithmetic
48-bit or 2 x 24-bit parallel moves
64 interrupt vector locations
Fast or long interrupts possible
Programmable interrupt priorities and masking
8 each of Address Registers, Address Offset
Registers and Address Modulo Registers
Linear, Reverse Carry, Multiple Buffer Modulo,
Multiple Wrap-around Modulo address arith-
metic
Post-increment or decrement by 1 or by offset,
Index by offset, predecrement address
Repeat instruction and zero overhead DO
loops
Hardware stack capable of nesting combina-
tions of 7 DO loops or 15 interrupts/subrou-
tines
Bit manipulation instructions possible on all
registers and memory locations. Also Jump on
bit test.
4 pin serial debug interface
Debug ccess to all internal registers, buses
and memory locations
5 word deep program address history FIFO
Hardware and software breakpoints for both
program and data memory accesses
Debug Single stepping, Instruction injection
and Disassembly of program memory
DSP PERIPHERALS
There are a number of peripherals that are tightly
coupled to the two DSP Cores. Except for the
memories and the Host Interface, a single periph-
eral is multiplexed to both of the DSP Cores. In
the case of the Host Interface(HI), for DSP to Mi-
cro communication, there are two identical pe-
ripheral blocks providing the same function to
both DSP Cores. Each of the peripherals are
listed below and described in the following sec-
tions.
256 x 24-Bit X-RAM.
256 x 24-Bit Y-RAM.
768 x 24-Bit Program RAM (1280 x 24 for
DSP1)
256 x 24-Bit Data X-ROM.
256 x 24-Bit Data Y-ROM.
TDA7503
20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com