Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7503 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics TDA7503 Datasheet HTML 23Page - STMicroelectronics TDA7503 Datasheet HTML 24Page - STMicroelectronics TDA7503 Datasheet HTML 25Page - STMicroelectronics TDA7503 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
achieved in software. When this mode is entered
instruction execution is switched to internal AUX-
RAM.
Serial Peripheral Interface
The 8051 core requires a serial interface to re-
ceive commands and data over the LAN. During
an SPI transfer, data is transmitted and received
simultaneously. A serial clock line synchronizes
shifting and sampling of the information on the
two serial data lines. A slave select line allows in-
dividual selection of a slave SPI device. The SS
Pin will act as a GPIO when the SPI is in master
mode or the SPI is disabled.
When an SPI transfer occurs an 8-bit word is
shifted out one data pin while another 8-bit char-
acter is simultaneously shifted in a second data
pin. The central element in the SPI system is the
shift register and the read data buffer. The sys-
tem is single buffered in the transfer direction and
double buffered in the receive direction.
Control Interface
The 8051 requires a set of external general pur-
pose input/output lines, two external interrupt
lines, and a reset line. These signals are used by
external devices to signal events to the 8051. The
GPIO lines are implemented as the 8051’s Port 1
GPIO. The two external interrupts are connected
to the INT0 and INT1 lines on the micro. The RE-
SET pin is used to reset the micro.
PLL Clock Oscillator
The PLL Clock Oscillator can accept an external
clock at XTI or it can be configured to run an in-
ternal oscillator when a crystal is connected
across pins XTI & XTO. There is an input divide
block IDF (1 -> 32) at the XTI clock input and a
multiply block MF (33 -> 128) in the PLL loop.
Hence the PLL can multiply the external input
clock by a ratio MF/IDF to generate the internal
clock. This allows the internal clock to be within 1
MHz of any desired frequency even when XTI is
much greater than 1 MHz. It is recommended that
the input clock is not divided down to less than 1
MHz as this reduces the Phase Detector’s update
rate.
The clocks to the DSP and the 8051 can be se-
lected to be either the VCO output divided by 2 or
4 respectively, or be driven by the XTI pin di-
rectly.
The crystal oscillator and the PLL will be gated off
when entering the power-down mode (by setting
bit 1 of the PCON Register).
M8051 Interrupts
The M8051 Core provides for 5 interrupt sources,
INT1, INT0, TIMER1, TIMER0, and SERIAL
Data. There exists a corresponding Interrupt En-
able register and Interrupt Priority Register.
TDA7503
24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com