Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
AD9520-2
Rev. 0 | Page 30 of 84
Mode 1: Clock Distribution or External VCO < 1600 MHz
When the external clock source to be distributed or the external
VCO/VCXO is <1600 MHz, a configuration that bypasses the
VCO divider can be used. This is the only difference from Mode 2.
Bypassing the VCO divider limits the frequency of the clock
source to <1600 MHz (due to the maximum input frequency
allowed at the channel dividers).
Configuration and Register Settings
For clock distribution applications where the external clock is
<1600 MHz, the register settings shown in Table 23 should be used.
Table 23. Settings for Clock Distribution < 1600 MHz
Register
Description
0x010[1:0] = 01b
PLL asynchronous power-down (PLL off )
0x1E1[0] = 1b
Bypass the VCO divider as the source for
the distribution section
0x1E1[1] = 0b
CLK selected as the source
When using the internal PLL with an external VCO < 1600 MHz,
the PLL must be turned on.
Table 24. Settings for Using Internal PLL with External VCO
< 1600 MHz
Register
Description
0x1E1[0] = 1b
Bypass the VCO divider as the source for
the distribution section
0x010[1:0] = 00b
PLL normal operation (PLL on) along
with other appropriate PLL settings in
0x010 to 0x01E
An external VCO/VCXO requires an external loop filter that
must be connected between CP and the tuning pin of the VCO/
VCXO. This loop filter determines the loop bandwidth and stability
of the PLL. Make sure to select the proper PFD polarity for the
VCO/VCXO being used.
Table 25. Setting the PFD Polarity
Register
Description
0x010[7] = 0b
PFD polarity positive (higher control voltage
produces higher frequency)
0x010[7] = 1b
PFD polarity negative (higher control voltage
produces lower frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com