Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 63Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
AD9520-2
Rev. 0 | Page 62 of 84
REGISTER MAP
Register addresses that are not listed in Table 49 are not used, and writing to those registers has no effect. Writing to register addresses
marked unused also has no effect.
Table 49. Register Map Overview
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Serial Port Configuration
000
Serial port config
(SPI mode)
SDO active
LSB first/
addr incr
Soft reset
(self-
clearing)
Unused
Unused
Soft reset
(self-
clearing)
LSB first/
addr incr
SDO active
00
Serial port config
(I²C mode)
Unused
Soft reset
(self-
clearing)
Unused
Unused
Soft reset
(self-
clearing)
Unused
00
001
Unused
N/A
002
Reserved
N/A
003
Reserved
N/A
004
Readback
control
Unused
Readback
active regs
00
EEPROM ID
005
EEPROM
customer
version ID
EEPROM customer version ID (LSB)
00
006
EEPROM customer version ID (MSB)
00
007
to
00F
Unused
00
PLL
010
PFD charge
pump
PFD polarity
Charge pump current
Charge pump mode
PLL power-down
7D
011
R counter
14-bit R counter, Bits[7:0] (LSB)
01
012
Unused
14-bit R counter, Bits[13:8] (MSB)
00
013
A counter
Unused
6-bit A counter
00
014
B counter
13-bit B counter, Bits[7:0] (LSB)
03
015
Unused
13-bit B counter, Bits[12:8] (MSB)
00
016
PLL_CTRL_1
Set CP pin
to VCP/2
Reset
R counter
Reset
A and B
counters
Reset all
counters
B counter
bypass
Prescaler P
06
017
PLL_CTRL_2
STATUS pin control
Antibacklash pulse width
00
018
PLL_CTRL_3
Enable CMOS
reference input
dc offset
Lock detect counter
Digital
lock
detect
window
Disable
digital
lock detect
VCO calibration divider
VCO
calibration
now
06
019
PLL_CTRL_4
R, A, B counters
SYNC pin reset
R path delay
N path delay
00
01A
PLL_CTRL_5
Enable STATUS
pin divider
Ref freq
monitor
threshold
LD pin control
00
01B
PLL_CTRL_6
Enable VCO
frequency
monitor
Enable
REF2
(REFIN)
frequency
monitor
Enable
REF1
(REFIN)
frequency
monitor
REFMON pin control
00
01C
PLL_CTRL_7
Disable
switchover
deglitch
Select
REF2
Use
REF_SEL
pin
Enable
automatic
reference
switchover
Stay on
REF2
Enable
REF2
Enable
REF1
Enable
differential
reference
00
01D
PLL_CTRL_8
Enable
Status_EEPROM
at STATUS pin
Enable
XTAL
OSC
Enable
clock
doubler
Disable
PLL status
register
Enable
LD pin
comparator
Unused
Enable
external
holdover
Enable
holdover
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com