Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 63Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
AD9520-2
Rev. 0 | Page 63 of 84
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
01E
PLL_CTRL_9
Unused
External zero delay
feedback
channel divider select
Enable
external
zero
delay
Enable
zero delay
Unused
00
01F
PLL_Readback
(read-only)
Unused
VCO cal
finished
Holdover
active
REF2
selected
VCO freq >
threshold
REF2
freq >
threshold
REF1 freq >
threshold
Digital lock
detect
N/A
Output Driver Control
0F0
OUT0 control
OUT0 format
OUT0 CMOS
configuration
OUT0 polarity
OUT0 LVPECL
differential voltage
OUT0
LVPECL
power-down
64
0F1
OUT1 control
OUT1 format
OUT1 CMOS
configuration
OUT1 polarity
OUT1 LVPECL
differential voltage
OUT1
LVPECL
power-down
64
0F2
OUT2 control
OUT2 format
OUT2 CMOS
configuration
OUT2 polarity
OUT2 LVPECL
differential voltage
OUT2
LVPECL
power-down
64
0F3
OUT3 control
OUT3 format
OUT3 CMOS
configuration
OUT3 polarity
OUT3 LVPECL
differential voltage
OUT3
LVPECL
power-down
64
0F4
OUT4 control
OUT4 format
OUT4 CMOS
configuration
OUT4 polarity
OUT4 LVPECL
differential voltage
OUT4
LVPECL
power-down
64
0F5
OUT5 control
OUT5 format
OUT5 CMOS
configuration
OUT5 polarity
OUT5 LVPECL
differential voltage
OUT5
LVPECL
power-down
64
0F6
OUT6 control
OUT6 format
OUT6 CMOS
configuration
OUT6 polarity
OUT6 LVPECL
differential voltage
OUT6
LVPECL
power-down
64
0F7
OUT7 control
OUT7 format
OUT7 CMOS
configuration
OUT7 polarity
OUT7 LVPECL
differential voltage
OUT7
LVPECL
power-down
64
0F8
OUT8 control
OUT8 format
OUT8 CMOS
configuration
OUT8 polarity
OUT8 LVPECL
differential voltage
OUT8
LVPECL
power-down
64
0F9
OUT9 control
OUT9 format
OUT9 CMOS
configuration
OUT9 polarity
OUT9 LVPECL
differential voltage
OUT9
LVPECL
power-down
64
0FA
OUT10 control
OUT10 format
OUT10 CMOS
configuration
OUT10 polarity
OUT10 LVPECL
differential voltage
OUT10
LVPECL
power-down
64
0FB
OUT11 control
OUT11 format
OUT11 CMOS
configuration
OUT11 polarity
OUT11 LVPECL
differential voltage
OUT11
LVPECL
power-down
64
0FC
Enable output
on CSDLD
CSDLD En
OUT7
CSDLD En
OUT6
CSDLD En
OUT5
CSDLD En
OUT4
CSDLD En
OUT3
CSDLD
En OUT2
CSDLD En
OUT1
CSDLD En
OUT0
00
0FD
Enable output
on CSDLD
Unused
Unused
Unused
Unused
CSDLD En
OUT11
CSDLD
En OUT10
CSDLD En
OUT9
CSDLD En
OUT8
00
0FE
to
18F
Unused
00
LVPECL Channel Dividers
190
Divider 0 (PECL)
Divider 0 low cycles
Divider 0 high cycles
77
191
Divider 0
bypass
Divider 0
ignore
SYNC
Divider 0
force
high
Divider 0
start high
Divider 0
phase offset
00
192
Unused
Unused
Channel 0
power-
down
Channel 0
direct-to-
output
Disable
Divider 0
DCC
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com