Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
AD9520-2
Rev. 0 | Page 34 of 84
Phase-Locked Loop (PLL)
PROGRAMMABLE
N DELAY
REFIN
CLK
CLK
REF1
REF2
BUF
STATUS
STATUS
STATUS
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
BYPASS
LF
LOW DROPOUT
REGULATOR (LDO)
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
ZERO DELAY BLOCK
FROM CHANNEL
DIVIDER 0
VS_DRV
OPTIONAL
REFIN
Figure 40. PLL Functional Block Diagram
The AD9520 includes an on-chip PLL with an on-chip VCO.
The PLL blocks can be used either with the on-chip VCO to
create a complete phase-locked loop or with an external VCO
or VCXO. The PLL requires an external loop filter, which
usually consists of a small number of capacitors and resistors.
The configuration and components of the loop filter help to
establish the loop bandwidth and stability of the operating PLL.
The AD9520 PLL is useful for generating clock frequencies
from a supplied reference frequency. This includes conversion
of reference frequencies to much higher frequencies for subsequent
division and distribution. In addition, the PLL can be used to
clean up jitter and phase noise on a noisy reference. The exact
choice of PLL parameters and loop dynamics is application specific.
The flexibility and depth of the AD9520 PLL allow the part to
be tailored to function in many different applications and signal
environments.
Configuration of the PLL
The AD9520 allows flexible configuration of the PLL,
accommodating various reference frequencies, PFD comparison
frequencies, VCO frequencies, internal or external VCO/VCXO,
and loop dynamics. This is accomplished by the various settings
for the R divider, the N divider, the PFD polarity (only applicable to
external VCO/VCXO), the antibacklash pulse width, the charge
pump current, the selection of internal VCO or external VCO/
VCXO, and the loop bandwidth. These are managed through
programmable register settings (see Table 49 and Table 53) and
by the design of the external loop filter.
Successful PLL operation and satisfactory PLL loop performance
are highly dependent upon proper configuration of the PLL
settings, and the design of the external loop filter is crucial to
the proper operation of the PLL.
ADIsimCLK™ is a free program that can help with the design
and exploration of the capabilities and features of the AD9520,
including the design of the PLL loop filter. The AD9516 model
found in ADIsimCLK Version 1.2 can also be used for modeling
the AD9520 loop filter. It is available at www.analog.com/clocks.
Phase Frequency Detector (PFD)
The PFD takes inputs from the R divider and the N divider and
produces an output proportional to the phase and frequency
difference between them. The PFD includes a programmable
delay element that controls the width of the antibacklash pulse.
This pulse ensures that there is no dead zone in the PFD
transfer function and minimizes phase noise and reference
spurs. The antibacklash pulse width is set by 0x017[1:0].
An important limit to keep in mind is the maximum frequency
allowed into the PFD. The maximum input frequency into the
PFD is a function of the antibacklash pulse setting, as specified
in the phase/frequency detector (PFD) parameter in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com