Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 52Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
AD9520-2
Rev. 0 | Page 54 of 84
SPI SERIAL PORT OPERATION
Pin Descriptions
SCLK (serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and writes.
Write data bits are registered on the rising edge of this clock,
and read data bits are registered on the falling edge. This pin is
internally pulled down by a 30 kΩ resistor to ground.
SDIO (serial data input/output) is a dual-purpose pin and acts
either as an input only (unidirectional mode) or as an input/
output (bidirectional mode). The AD9520 defaults to the
bidirectional I/O mode (0x000[7] = 0b).
SDO (serial data out) is used only in the unidirectional I/O
mode (0x000[7]) as a separate output pin for reading back data.
CS (chip select bar) is an active low control that gates the read
and write cycles. When CS is high, SDO and SDIO are in a high
impedance state. This pin is internally pulled up by a 30 kΩ
resistor to VS.
AD9520
SERIAL
CONTROL
PORT
SCLK/SCL
16
SDO
18
SDIO/SDA
17
CS
15
Figure 61. Serial Control Port
SPI Mode Operation
In SPI mode, single or multiple byte transfers are supported, as
well as MSB first or LSB first transfer formats. The AD9520
serial control port can be configured for a single bidirectional
I/O pin (SDIO only) or for two unidirectional I/O pins (SDIO/
SDO). By default, the AD9520 is in bidirectional mode. Short
instruction mode (8-bit instructions) is not supported. Only
long (16-bit) instruction mode is supported.
A write or a read operation to the AD9520 is initiated by pulling
CS low.
The CS stalled high mode is supported in data transfers where
three or fewer bytes of data (plus instruction data) are transferred
(see
). In this mode, the
Table 43
CS pin can temporarily return
high on any byte boundary, allowing time for the system controller
to process the next byte. CS can go high on byte boundaries only
and can go high during either part (instruction or data) of the
transfer.
During this period, the serial control port state machine enters
a wait state until all data is sent. If the system controller decides
to abort the transfer before all of the data is sent, the state machine
must be reset by either completing the remaining transfers or by
returning CS low for at least one complete SCLK cycle (but
fewer than eight SCLK cycles). Raising the CS pin on a nonbyte
boundary terminates the serial transfer and flushes the buffer.
In the streaming mode (see Table 43), any number of data bytes
can be transferred in a continuous stream. The register address
is automatically incremented or decremented (see the SPI
MSB/LSB First Transfers section). CS must be raised at the end
of the last byte to be transferred, thereby ending streaming mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9520.
The first part writes a 16-bit instruction word into the AD9520,
coincident with the first 16 SCLK rising edges. The instruction
word provides the AD9520 serial control port with information
regarding the data transfer, which is the second part of the
communication cycle. The instruction word defines whether
the upcoming data transfer is a read or a write, the number of
bytes in the data transfer, and the starting register address for
the first byte of the data transfer.
Write
If the instruction word is for a write operation, the second part
is the transfer of data into the serial control port buffer of the
AD9520. Data bits are registered on the rising edge of SCLK.
The length of the transfer (one, two, or three bytes or streaming
mode) is indicated by two bits (W1:W0) in the instruction byte.
When the transfer is one, two, or three bytes, but not streaming,
CS can be raised after each sequence of eight bits to stall the bus
(except after the last byte, where it ends the cycle). When the bus
is stalled, the serial transfer resumes when CS is lowered. Raising
the CS pin on a nonbyte boundary resets the serial control port.
During a write, streaming mode does not skip over reserved or
blank registers, and the user can write 0x00 to the reserved
register addresses.
Because data is written into a serial control port buffer area, not
directly into the actual control registers of the AD9520, an
additional operation is needed to transfer the serial control port
buffer contents to the actual control registers of the AD9520,
thereby causing them to become active. The update registers
operation consists of setting 0x232[0] = 1b (this bit is self-
clearing). Any number of bytes of data can be changed before
executing an update registers. The update registers simultaneously
actuates all register changes that have been written to the buffer
since any previous update.
Read
The AD9520 supports only the long instruction mode. If the
instruction word is for a read operation, the next N × 8 SCLK
cycles clock out the data from the address specified in the
instruction word, where N is 1 to 3 as determined by W1:W0.
If N = 4, the read operation is in streaming mode, continuing
until CS is raised. Streaming mode does not skip over reserved
or blank registers. The readback data is valid on the falling
edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com