Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
AD9520-2
Rev. 0 | Page 70 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
[7]
[6]
[5]
[4]
[3]
[2]
Level or
Dynamic
Signal
Signal at STATUS Pin
1
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in
differential mode).
1
1
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active low.
1
1
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active low.
1
1
0
1
1
1
LVL
Status of REF1 frequency (active low).
1
1
1
0
0
0
LVL
Status of REF2 frequency (active low).
1
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (status of REF2 frequency).
1
1
1
0
1
0
LVL
(DLD) AND (Status of selected reference) AND (status of VCO).
1
1
1
0
1
1
LVL
Status of VCO frequency (active low).
1
1
1
1
0
0
LVL
Selected reference (low = REF2, high = REF1).
1
1
1
1
0
1
LVL
DLD (active low).
1
1
1
1
1
0
LVL
Holdover active (active low).
1
1
1
1
1
1
LVL
LD pin comparator output (active low).
017
[1:0]
Antibacklash
pulse width
[1]
[0]
Antibacklash Pulse Width (ns)
0
0
2.9 (default)
0
1
1.3
1
0
6.0
1
1
2.9
018
[7]
Enable CMOS
reference input
dc offset
Enables dc offset in single-ended CMOS input mode to prevent chattering when ac-coupled and input is lost.
[7] = 0; disable dc offset (default).
[7] = 1; enable dc offset.
018
[6:5]
Lock detect
counter
Required consecutive number of PFD cycles with edges inside lock detect window before the DLD indicates
a locked condition.
[6]
[5]
PFD Cycles to Determine Lock
0
0
5 (default)
0
1
16
1
0
64
1
1
255
018
[4]
Digital lock
detect window
If the time difference of the rising edges at the inputs to the PFD are less than the lock detect window time,
the digital lock detect flag is set. The flag remains set until the time difference is greater than the loss-of-lock
threshold.
[4] = 0; high range (default).
[4] = 1; low range.
018
[3]
Disable digital
lock detect
Digital lock detect operation.
[3] = 0; normal lock detect operation (default).
[3] = 1; disable lock detect.
018
[2:1]
VCO calibration
divider
Divider used to generate the VCO calibration clock from the PLL reference clock (see the VCO Calibration section for
the recommended setting of the VCO calibration divider based on the PFD rate).
[2]
[1]
VCO Calibration Clock Divider
0
0
2
0
1
4
1
0
8
1
1
16 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com