Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
AD9520-2
Rev. 0 | Page 71 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
018
[0]
VCO calibration
now
Bit used to initiate the VCO calibration. This bit must be toggled from 0 to 1 in the active registers. The
sequence to initiate a calibration follows: program to 0, followed by an IO_UPDATE bit (Register 0x232[0]);
then program to 1, followed by another IO_UPDATE bit (Register 0x232[0]). This sequence gives complete
control over when the VCO calibration occurs relative to the programming of other registers that can impact
the calibration (default = 0). Note that the VCO divider (Register 0x1E0[2:0]) must not be static during VCO
calibration.
019
[7:6]
R, A, B counters
SYNC pin reset
[7]
[6]
Action
0
0
Do nothing on SYNC (default).
0
1
Asynchronous reset.
1
0
Synchronous reset.
1
1
Do nothing on SYNC.
019
[5:3]
R path delay
R path delay, see Table 2 (default: 0x0).
019
[2:0]
N path delay
N path delay, see Table 2 (default: 0x0).
01A
[7]
Enable STATUS
pin divider
Enables a divide-by-4 on the STATUS pin. This makes it easier to look at low duty-cycle signals out of the
R and N dividers.
[7] = 0; divide-by-4 disabled on STATUS pin (default).
[7] = 1; divide-by-4 enabled on STATUS pin.
01A
[6]
Ref freq monitor
threshold
Sets the reference (REF1/REF2) frequency monitor’s detection threshold frequency. This does not affect the VCO
frequency monitor’s detection threshold (see Table 17, REF1, REF2, and VCO frequency status monitor parameter).
[6] = 0; frequency valid if frequency is above 1.02 MHz (default).
[6] = 1; frequency valid if frequency is above 6 kHz.
01A
[5:0]
LD pin
control
Selects the signal that is connected to the LD pin.
[5]
[4]
[3]
[2]
[1]
[0]
Level or
Dynamic
Signal
Signal at LD Pin
0
0
0
0
0
0
LVL
Digital lock detect (high = lock; low = unlock, default).
0
0
0
0
0
1
DYN
P-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
0
DYN
N-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
1
HIZ
Tristate (high-Z) LD pin.
0
0
0
1
0
0
CUR
Current source lock detect (110 μA when DLD is true).
0
X
X
X
X
X
LVL
Ground (dc); for all other cases of 0XXXXX not specified.
The selections that follow are the same as for REFMON.
1
0
0
0
0
0
LVL
Ground (dc).
1
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
0
1
0
DYN
REF2 clock (N/A in differential mode).
1
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
1
0
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active high.
1
0
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active high.
1
0
0
1
1
1
LVL
Status REF1 frequency (active high).
1
0
1
0
0
0
LVL
Status REF2 frequency (active high).
1
0
1
0
0
1
LVL
(Status REF1 frequency) AND (status REF2 frequency).
1
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
0
1
0
1
1
LVL
Status of VCO frequency (active high).
1
0
1
1
0
0
LVL
Selected reference (low = REF1, high = REF2).
1
0
1
1
0
1
LVL
DLD; active high.
1
0
1
1
1
0
LVL
Holdover active (active high).
1
0
1
1
1
1
LVL
N/A, do not use.
1
1
0
0
0
0
LVL
VS (PLL supply).
1
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com