Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 72 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
AD9520-2
Rev. 0 | Page 72 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
[5]
[4]
[3]
[2]
[1]
[0]
Level or
Dynamic
Signal
Signal at LD Pin
1
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in differential
mode).
1
1
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active low.
1
1
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active low.
1
1
0
1
1
1
LVL
Status of REF1 frequency (active low).
1
1
1
0
0
0
LVL
Status of REF2 frequency (active low).
1
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (status of REF2 frequency).
1
1
1
0
1
0
LVL
(DLD) AND (Status of selected reference) AND (status of VCO).
1
1
1
0
1
1
LVL
Status of VCO frequency (active low).
1
1
1
1
0
0
LVL
Selected reference (low = REF2, high = REF1).
1
1
1
1
0
1
LVL
DLD; active low.
1
1
1
1
1
0
LVL
Holdover active (active low).
1
1
1
1
1
1
LVL
N/A, do not use.
01B
[7]
Enable VCO
frequency
monitor
Enables or disables VCO frequency monitor.
[7] = 0; disable the VCO frequency monitor (default).
[7] = 1; enable the VCO frequency monitor.
01B
[6]
Enable REF2
(REFIN)
frequency
monitor
Enables or disables the REF2 frequency monitor.
[6] = 0; disable the REF2 frequency monitor (default).
[6] = 1; enable the REF2 frequency monitor.
01B
[5]
Enable REF1
(REFIN)
frequency
monitor
REF1 (REFIN) frequency monitor enabled; this is for both REF1 (single-ended) and REFIN (differential) inputs
(as selected by differential reference mode).
[5] = 0; disable the REF1 (REFIN) frequency monitor (default).
[5] = 1; enable the REF1 (REFIN) frequency monitor.
01B
[4:0]
REFMON pin
control
Selects the signal that is connected to the REFMON pin.
[4]
[3]
[2]
[1]
[0]
Level or
Dynamic
Signal
Signal at REFMON Pin
0
0
0
0
0
LVL
Ground, dc (default).
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
0
0
0
1
0
DYN
REF2 clock (N/A in differential mode).
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in differential
mode).
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
0
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active high.
0
0
1
1
0
LVL
Status of unselected reference (not available in differential mode);
active high.
0
0
1
1
1
LVL
Status REF1 frequency (active high).
0
1
0
0
0
LVL
Status REF2 frequency (active high).
0
1
0
0
1
LVL
(Status REF1 frequency) AND (status REF2 frequency).
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
0
1
0
1
1
LVL
Status of VCO frequency (active high).
0
1
1
0
0
LVL
Selected reference (low = REF1, high = REF2).
0
1
1
0
1
LVL
DLD; active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com