Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
AD9520-2
Rev. 0 | Page 35 of 84
Charge Pump (CP)
The charge pump is controlled by the PFD. The PFD monitors
the phase and frequency relationship between its two inputs and
tells the CP to pump up or pump down to charge or discharge the
integrating node (part of the loop filter). The integrated and
filtered CP current is transformed into a voltage that drives the
tuning node of the internal VCO through the LF pin (or the
tuning pin of an external VCO) to move the VCO frequency up
or down. The CP can be set (0x010[3:2]) for high impedance
(allows holdover operation), for normal operation (attempts to
lock the PLL loop), for pump-up, or for pump-down (test modes).
The CP current is programmable in eight steps from (nominally)
0.6 mA to 4.8 mA. The exact value of the CP current LSB is set
by the CPRSET resistor, which is nominally 5.1 kΩ.
On-Chip VCO
The AD9520 includes an on-chip VCO covering the frequency
range shown in Table 2. Achieving low VCO phase noise was a
priority in the design of the VCO.
To tune over the wide range of frequencies covered by this
VCO, ranges are used. This is largely transparent to the user
but is the reason that the VCO must be calibrated when the PLL
loop is first set up. The calibration procedure ensures that the
VCO is operating within the correct band range for the desired
VCO frequency. See the VCO Calibration section for additional
information.
The on-chip VCO is powered by an on-chip, low dropout (LDO),
linear voltage regulator. The LDO provides some isolation of
the VCO from variations in the power supply voltage level.
The BYPASS pin should be connected to ground by a 220 nF
capacitor to ensure stability. This LDO employs the same
technology used in the anyCAP® line of regulators from Analog
Devices, Inc., making it insensitive to the type of capacitor used.
Driving an external load from the BYPASS pin is not supported.
PLL External Loop Filter
When using the internal VCO, the external loop filter should be
referenced to the BYPASS pin for optimal noise and spurious
performance. An example of an external loop filter for the PLL
is shown in Figure 41. A loop filter must be calculated for each
desired PLL configuration. The values of the components depend
upon the VCO frequency, the KVCO, the PFD frequency, the CP
current, the desired loop bandwidth, and the desired phase margin.
The loop filter affects the phase noise, the loop settling time,
and the loop stability. A knowledge of PLL theory is necessary
for understanding loop filter design. Tools available, such as the
ADIsimCLK, can help with the calculation of a loop filter
according to the application requirements.
LF
VCO
CHARGE
PUMP
CP
BYPASS
C1
C2
C3
R1
R2
CBP = 220nF
AD9520
Figure 41. Example of External Loop Filter for PLL
PLL Reference Inputs
The AD9520 features a flexible PLL reference input circuit that
allows a fully differential input, two separate single-ended inputs,
or a 16.67 MHz to 33.33 MHz crystal oscillator with an on-chip
maintaining amplifier. An optional reference clock doubler
can be used to double the PLL reference frequency. The input
frequency range for the reference inputs is specified in Table 2.
Both the differential and the single-ended inputs are self-biased,
allowing for easy ac coupling of input signals.
Either a differential or a single-ended reference must be specifically
enabled. All PLL reference inputs are off by default.
The differential input and the single-ended inputs share two pins,
REFIN (REF1) and REFIN (REF2). The desired reference input
type is selected and controlled by 0x01C (see
and
).
Table 49
Table 53
When the differential reference input is selected, the self-bias
level of the two sides is offset slightly to prevent chattering of
the input buffer when the reference is slow or missing. The
specification for this voltage level can be found in Table 2.
The input hysteresis increases the voltage swing required of
the driver to overcome the offset.
The single-ended inputs can be driven by either a dc-coupled
CMOS level signal or an ac-coupled sine wave or square wave.
To avoid input buffer chatter when a single-ended, ac-coupled
input signal stops toggling, the user can set 0x018[7] to 1b. This
shifts the dc offset bias point down 140 mV. To increase isolation
and reduce power, each single-ended input can be independently
powered down.
The differential reference input receiver is powered down when
the differential reference input is not selected or when the PLL
is powered down. The single-ended buffers power down when
the PLL is powered down or when their respective individual
power-down registers are set. When the differential mode is
selected, the single-ended inputs are powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com