Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
AD9520-2
Rev. 0 | Page 75 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
01F
[2]
REF2 frequency
> threshold
(read-only)
Readback register. Indicates if the frequency of the signal at REF2 is greater than the threshold frequency
set by Register 0x01A[6].
[2] = 0; REF2 frequency is less than the threshold frequency.
[2] = 1; REF2 frequency is greater than the threshold frequency.
01F
[1]
REF1 frequency
> threshold
(read-only)
Readback register. Indicates if the frequency of the signal at REF1 is greater than the threshold frequency
set by Register 0x01A[6].
[1] = 0; REF1 frequency is less than the threshold frequency.
[1] = 1; REF1 frequency is greater than the threshold frequency.
01F
[0]
Digital lock
detect
(read-only)
Readback register. Digital lock detect.
[0] = 0; PLL is not locked.
[0] = 1; PLL is locked.
Table 54. Output Driver Control
Reg.
Addr
(Hex) Bit(s) Name
Description
0F0
[7]
OUT0 format
Selects the output type for OUT0.
[7] = 0; LVPECL (default).
[7] = 1; CMOS.
0F0
[6:5]
OUT0 CMOS
configuration
Sets the CMOS output configuration for OUT0 when 0x0F0[7] = 1.
[6:5]
OUT0A
OUT0B
00
Tristate
Tristate
01
On
Tristate
10
Tristate
On
11 (default)
On
On
0F0
[4:3]
OUT0 polarity
Sets the output polarity for OUT0.
[7]
[4]
[3]
Output Type
OUT0A
OUT0B
0 (default)
X
0 (default)
LVPECL
Noninverting
Inverting
0
X
1
LVPECL
Inverting
Noninverting
1
0 (default)
0
CMOS
Noninverting
Noninverting
1
0
1
CMOS
Inverting
Inverting
1
1
0
CMOS
Noninverting
Inverting
1
1
1
CMOS
Inverting
Noninverting
0F0
[2:1]
OUT0 LVPECL
differential
voltage
Sets the LVPECL output differential voltage (VOD).
[2]
[1]
VOD (mV)
0
0
400
0
1
600
1 (default)
0 (default)
780
1
1
960
0F0
[0]
OUT0 LVPECL
power-down
LVPECL power-down.
[0] = 0; normal operation (default).
[0] = 1; safe power-down.
0F1
[7:0]
OUT1 control
This register controls OUT1, and the bit assignments for this register are identical to Register 0x0F0.
0F2
[7:0]
OUT2 control
This register controls OUT2, and the bit assignments for this register are identical to Register 0x0F0.
0F3
[7:0]
OUT3 control
This register controls OUT3, and the bit assignments for this register are identical to Register 0x0F0.
0F4
[7:0]
OUT4 control
This register controls OUT4, and the bit assignments for this register are identical to Register 0x0F0.
0F5
[7:0]
OUT5 control
This register controls OUT5, and the bit assignments for this register are identical to Register 0x0F0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com