Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
AD9520-2
Rev. 0 | Page 69 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
016
[3]
B counter
bypass
B counter bypass. This is only valid when operating the prescaler in FD mode.
[3] = 0; normal (default).
[3] = 1; B counter is set to divide-by-1. This allows the prescaler setting to determine the divide for
the N divider.
016
[2:0]
Prescaler P
Prescaler: DM = dual modulus and FD = fixed divide. The Prescaler P is part of the feedback divider.
[2]
[1]
[0]
Mode
Prescaler
0
0
0
FD
Divide-by-1.
0
0
1
FD
Divide-by-2.
0
1
0
DM
Divide-by-2 and divide-by-3 when A ≠ 0; divide-by-2 when A = 0.
0
1
1
DM
Divide-by-4 and divide-by-5 when A ≠ 0; divide-by-4 when A = 0.
1
0
0
DM
Divide-by-8 and divide-by-9 when A ≠ 0; divide-by-8 when A = 0.
1
0
1
DM
Divide-by-16 and divide-by-17 when A ≠ 0; divide-by-16 when A = 0.
1
1
0
DM
Divide-by-32 and divide-by-33 when A ≠ 0; divide-by-32 when A = 0 (default).
1
1
1
FD
Divide-by-3.
017
[7:2]
STATUS
pin control
Selects the signal that appears at the STATUS pin. 0x01D[7] must be 0 to reprogram the STATUS pin.
[7]
[6]
[5]
[4]
[3]
[2]
Level or
Dynamic
Signal
Signal at STATUS Pin
0
0
0
0
0
0
LVL
Ground, dc (default).
0
0
0
0
0
1
DYN
N divider output (after the delay).
0
0
0
0
1
0
DYN
R divider output (after the delay).
0
0
0
0
1
1
DYN
A divider output.
0
0
0
1
0
0
DYN
Prescaler output.
0
0
0
1
0
1
DYN
PFD up pulse.
0
0
0
1
1
0
DYN
PFD down pulse.
0
X
X
X
X
X
LVL
Ground (dc); for all other cases of 0XXXXX not specified.
The selections that follow are the same as for REFMON.
1
0
0
0
0
0
LVL
Ground (dc).
1
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
0
1
0
DYN
REF2 clock (N/A in differential mode).
1
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential
mode).
1
0
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active high.
1
0
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active high.
1
0
0
1
1
1
LVL
Status REF1 frequency (active high).
1
0
1
0
0
0
LVL
Status REF2 frequency (active high).
1
0
1
0
0
1
LVL
(Status REF1 frequency) AND (status REF2 frequency).
1
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
0
1
0
1
1
LVL
Status of VCO frequency (active high).
1
0
1
1
0
0
LVL
Selected reference (low = REF1, high = REF2).
1
0
1
1
0
1
LVL
DLD; active high.
1
0
1
1
1
0
LVL
Holdover active (active high).
1
0
1
1
1
1
LVL
LD pin comparator output (active high).
1
1
0
0
0
0
LVL
VS (PLL power supply).
1
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com