Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-2/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9520-2/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9520-2/PCBZ Datasheet HTML 3Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 4Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 9Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 10Page - Analog Devices AD9520-2/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
AD9520-2
Rev. 0 | Page 7 of 84
CLOCK INPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK, CLK)
Differential input
Input Frequency
01
2.4
GHz
High frequency distribution (VCO divider)
01
1.6
GHz
Distribution only (VCO divider bypassed); this is the
frequency range supported by the channel divider
Input Sensitivity, Differential
150
mV p-p
Measured at 2.4 GHz; jitter performance is improved with
slew rates > 1 V/ns
Input Level, Differential
2
V p-p
Larger voltage swings can turn on the protection diodes
and can degrade jitter performance
Input Common-Mode Voltage, VCM
1.3
1.57
1.8
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLK ac-bypassed to RF ground
Input Resistance
3.9
4.7
5.7
kΩ
Self-biased
Input Capacitance
2
pF
1 Below about 1 MHz, the input should be dc-coupled. Care should be taken to match VCM.
CLOCK OUTPUTS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS_DRV − 2 V
OUT0, OUT1, OUT2, OUT3, OUT4,
OUT5, OUT6, OUT7, OUT8,
OUT9, OUT10, OUT11
Differential (OUT, OUT)
Output Frequency, Maximum
2400
MHz
Using direct to output; see Figure 21 (higher
frequencies are possible, but amplitude
will not meet the VOD specification); the
maximum output frequency is limited by
either the maximum VCO frequency or the
frequency at the CLK inputs, depending on
the AD9520 configuration
Output High Voltage, VOH
VS_DRV −
1.07
VS_DRV −
0.96
VS_DRV −
0.84
V
Output Low Voltage, VOL
VS_DRV −
1.95
VS_DRV −
1.79
VS_DRV −
1.64
V
Output Differential Voltage, VOD
660
820
950
mV
CMOS CLOCK OUTPUTS
OUT0A, OUT0B, OUT1A, OUT1B,
OUT2A, OUT2B, OUT3A, OUT3B,
OUT4A, OUT4B, OUT5A, OUT5B,
OUT6A, OUT6B, OUT7A, OUT7B,
OUT8A, OUT8B, OUT9A, OUT9B,
OUT10A, OUT10B, OUT11A,
OUT11B
Single-ended; termination = 10 pF
Output Frequency
250
MHz
See Figure 22
Output Voltage High, VOH
VS − 0.1
V
@ 1 mA load, VS_DRV = 3.3 V/2.5 V
Output Voltage Low, VOL
0.1
V
@ 1 mA load, VS_DRV = 3.3 V/2.5 V
Output Voltage High, VOH
2.7
V
@ 10 mA load, VS_DRV = 3.3 V
Output Voltage Low, VOL
0.5
V
@ 10 mA load, VS_DRV = 3.3 V
Output Voltage High, VOH
1.8
V
@ 10 mA load, VS_DRV = 2.5 V
Output Voltage Low, VOL
0.6
V
@ 10 mA load, VS_DRV = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com