Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 2Page - Cirrus Logic CS47048 Datasheet HTML 3Page - Cirrus Logic CS47048 Datasheet HTML 4Page - Cirrus Logic CS47048 Datasheet HTML 5Page - Cirrus Logic CS47048 Datasheet HTML 6Page - Cirrus Logic CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic CS47048 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
6
Copyright 2008 Cirrus Logic
DS787A7
1. Documentation Strategy
The CS47048 Data Sheet describes the CS47048 audio processors. This document should be
used in conjunction with the following documents when evaluating or designing a system around
the CS47048 processors
The scope of the CS47048 Data Sheet is primarily the hardware specifications of the CS47048
family of devices. This includes hardware functionality, characteristic data, pinout, and packaging
information.
The intended audience for the CS47048 Data Sheet is the system PCB designer, MCU
programmer, and the quality control engineer.
2. Overview
The CS47048 DSP is designed to provide high-performance post-processing and mixing of analog
and digital audio. The dual clock domain provided on the PCM inputs allows for the mixing of audio
streams with different sampling frequencies. The low-power standby preserves battery life for
applications which are always on, but not necessarily processing audio, such as automotive audio
systems.
The CS47048 utilizes voltage-out DACs and is capable of supporting dual input clock domains and
dual output clock domains through the use of the internal SRCs. The CS47048 is available in a
100-pin LQFP package. Refer to Table 2 on page 7 for the input, output, and firmware
configurations for the CS47048 DSP.
2.1 Licensing
Licenses are required for any 3rd party audio processing algorithms provided for the CS47048.
Please contact your local Cirrus Logic Sales representative for more information.
Table 1. CS47048 Related Documentation
Document Name
Description
CS47048 Data Sheet
This document
CS47048 System Designer’s Guide
Includes detailed system design information
including Typical Connection Diagrams, Boot-
Procedures, Pin Descriptions, Etc.
AN333 - CS47048 Firmware User’s Manual
Includes detailed firmware design information
including signal processing flow diagrams and
control API information
DSP Composer User’s Manual
Includes detailed configuration and usage
information for the GUI development tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com