Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 5Page - Cirrus Logic CS47048 Datasheet HTML 6Page - Cirrus Logic CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic CS47048 Datasheet HTML 10Page - Cirrus Logic CS47048 Datasheet HTML 11Page - Cirrus Logic CS47048 Datasheet HTML 12Page - Cirrus Logic CS47048 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
DS787A7
Copyright 2008 Cirrus Logic
9
CS47048 functionality is controlled by application codes that are stored in on-chip ROM or
downloaded to the CS47048 from a host controller or external serial FLASH/EEPROM.
Users can develop their applications using DSP ComposerTM to create the processing chain and
then compile the image into a series of commands that are sent to the CS47048 through the SCP.
The processing application can either load modules (post-processors) from the DSP’s on-chip
ROM, or custom firmware can be downloaded through the SCP.
The CS47048 is suitable for a variety of audio post-processing applications where sound quality via
sound enhancement and speaker/cabinet tuning is required to achieve the sound quality
consumers expect. Examples of such applications include automotive head-ends, automotive
amplifiers, docking stations, sound bars, subwoofers, and boom boxes.
4.2 DSP Memory
The DSP core has its own on-chip data and program RAM and ROM and does not require external
memory for post-processing applications.
The Y-RAM and P-RAM share a single block of memory that includes three 2K word blocks (32
bits/word) that are assignable to either Y-RAM or P-RAM as shown in Table 3.
4.2.1 DMA Controller
The powerful 8-channel DMA controller can move data between 8 on-chip resources. Each
resource has its own arbiter: X, Y, and P RAMs/ROMs and the peripheral bus. Modulo and linear
addressing modes are supported, with flexible start address and increment controls. The service
intervals for each DMA channel, as well as up to 6 interrupt events, are programmable.
4.3 On-chip DSP Peripherals
4.3.1 Analog to Digital Converter Port (ADC)
The CS47048 features ADCs with dynamic range performance in excess of 100 dB, and they can
support up to 4 simultaneous channels of analog-to-digital conversion. Analog inputs AIN_1A and
AIN_1B are connected directly to one stereo ADC (ADC0-1). The analog input capability of the
second stereo ADC (ADC2-3) is expanded through a 5:1 analog stereo mux (analog inputs
AIN_2A/B through AIN_6A/B). This gives the CS47048 the ability to select from six stereo pairs of
analog input. A single programmable bit selects single-ended or differential mode signals for all
inputs.
The conversions are performed with either Fs=96 kHz or Fs=192 kHz.
4.3.2 Digital to Analog Converter Port (DAC)
The CS47048 can support up to 8 simultaneous channels of digital-to-analog conversion and
features DACs with dynamic range performance in excess of 100 dB. The DACs have voltage
mode outputs that can be connected either as single-ended or differential signals. The conversions
are performed with Fs=96 kHz.
Table 3. Memory Configurations for CS47048
P-RAM
X-RAM
Y-RAM
14K words
10K words
8K words
12K words
10K words
10K words
10K words
10K words
12K words
8K words
10K words
14K words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com