Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 14Page - Cirrus Logic CS47048 Datasheet HTML 15Page - Cirrus Logic CS47048 Datasheet HTML 16Page - Cirrus Logic CS47048 Datasheet HTML 17Page - Cirrus Logic CS47048 Datasheet HTML 18Page - Cirrus Logic CS47048 Datasheet HTML 19Page - Cirrus Logic CS47048 Datasheet HTML 20Page - Cirrus Logic CS47048 Datasheet HTML 21Page - Cirrus Logic CS47048 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
18
Copyright 2008 Cirrus Logic
DS787A7
5.10 Digital Switching Characteristics — Serial Control Port - SPI Master Mode
Figure 5. Serial Control Port - SPI Master Mode Timing.
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. fspisck indicates the maximum speed of the hardware. The system designer should be aware that the actual
maximum speed of the communication port may be limited by the firmware application.
fspisck
-Fxtal/2
2
2. See Section 5.7.
MHz
SCP_CS falling to SCP_CLK rising 3
3. SCP_CLK PERIOD refers to the period of SCP_CLK as being used in a given application. It does not refer to a
tested parameter
tspicss
-
11*DCLKP +
(SCP_CLK PERIOD)/2
-ns
SCP_CLK low time
tspickl
18
-
ns
SCP_CLK high time
tspickh
18
-
ns
Setup time SCP_MISO input
tspidsu
9-
ns
Hold time SCP_MISO input
tspidh
5-
ns
SCP_CLK low to SCP_MOSI output valid
tspidov
-8
ns
SCP_CLK low to SCP_CS falling
tspicsl
7-
ns
SCP_CLK low to SCP_CS rising
tspicsh
-
11*DCLKP +
(SCP_CLK PERIOD)/2
-ns
Bus free time between active SCP_CS
tspicsx
3*DCLKP
-
ns
SCP_CLK falling to SCP_MOSI output high-Z
tspidz
-20
ns
EE_CS
SCP_CLK
SCP_MISO
SCP_MOSI
0
12670
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspicsx
fspisck
tspidz
tspicsl
1/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com