Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 20Page - Cirrus Logic CS47048 Datasheet HTML 21Page - Cirrus Logic CS47048 Datasheet HTML 22Page - Cirrus Logic CS47048 Datasheet HTML 23Page - Cirrus Logic CS47048 Datasheet HTML 24Page - Cirrus Logic CS47048 Datasheet HTML 25Page - Cirrus Logic CS47048 Datasheet HTML 26Page - Cirrus Logic CS47048 Datasheet HTML 27Page - Cirrus Logic CS47048 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
24
Copyright 2008 Cirrus Logic
DS787A7
5.16 ADC Characteristics
5.16.1 Analog Input Characteristics (Commercial)
(Test Conditions (unless otherwise specified): TA = 0 to +70°C; VDD = 1.8 V±5%, VDDA (VA)= 3.3 V±5%; 1 kHz
sine wave driven through the passive input filter (Ri=10kΩ) in Figure 11 on page 26 or Figure 12 on page 26; DSP
running test application; Measurement Bandwidth is 10 Hz to 20 kHz.)
Differential
Single-Ended
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Fs= 96 kHz, 192 kHz
Dynamic Range1,6,7
A-weighted
unweighted
40 kHz bandwidth unweighted
99
96
-
105
102
99
-
-
-
96
93
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise6,7 -1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
-
-
-
-
-98
-82
-42
-90
-92
-
-
-
-
-
-
-
-95
-79
-39
-90
-89
-
-
-
dB
dB
dB
dB
AIN_1A/B Interchannel Isolation
-
95
-
-
95
-
dB
AIN_[2..6]A/B MUX Interchannel Isolation
-
95
-
-
95
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±120
-
-
±120
-
ppm/°C
Analog Input
Full-Scale Input Voltage2,3
3.3•VA
3.5•VA
3.7•VA
1.65•VA 1.75•VA 1.85•VA
VPP
Differential Input Impedance4
-
400
-
-
-
-
Ω
Single-Ended Input Impedance5
--
-
-
200
-
Ω
Common Mode Rejection Ratio (CMRR)8
-60
-
-
-
-
dB
Parasitic Load Capacitance (CL)
9
--
20
--
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com