Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 6Page - Cirrus Logic CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic CS47048 Datasheet HTML 10Page - Cirrus Logic CS47048 Datasheet HTML 11Page - Cirrus Logic CS47048 Datasheet HTML 12Page - Cirrus Logic CS47048 Datasheet HTML 13Page - Cirrus Logic CS47048 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
10
Copyright 2008 Cirrus Logic
DS787A7
4.3.3 Digital Audio Input Port (DAI)
The input capabilities for each version of the CS47048 are summarized in Table 2 on page 7.
Up to five DAI ports are available. Two of the DAI ports can be programmed to implement other
functions. The S/PDIF Rx function, if used, takes over the DAI_DATA3 pin. If the SPI mode is used,
the DAI_DATA4 pin becomes the SCP_CS input.
The DAI port supports PCM format with word lengths up to 32 bits and sample rates as high as
192 kHz.
The DAI also supports a time division multiplexed (TDM) one-line data mode that packs PCM audio
on a single data line. The total number possible depends on the ratio of SCLK to LRCLK. The
CS47048 hardware supports up to 40 channels in one line mode @ 48 kHz. There is also a
practical limitation set by the amount of processing required per channel.
The DAI port has two independent slave-only clock domains. The PCM inputs can be on one clock
domain, and the S/PDIF Rx on another. The output of the S/PDIF Rx can then be converted
through one of the internal SRC blocks to synchronize with the PCM input.
The sample rate of the input clock domains can be determined automatically by the DSP, off-
loading the task of monitoring the S/PDIF Rx from the host. A time-stamping feature provides the
ability to also sample-rate convert the input data via software.
4.3.4 S/PDIF RX Input Port (DAI)
One of the PCM pins of the DAI can also be used as a DC-coupled, TTL-level S/PDIF Rx input
capable of receiving and demodulating bi-phase encoded S/PDIF signals with Fs
≤ 192 kHz.
4.3.5 Digital Audio Output Port (DAO)
The output capabilities of the CS47048 are summarized in Table 2 on page 7.
DAO port supports PCM resolutions of up to 32-bits. The port supports sample rates (Fs) as high
as 192 kHz. The port can be configured as an independent clock domain mastered by the DSP, or
as a clock slave if an external MCLK or SCLK/LRCLK source is available.
The DAO also supports a time division multiplexed (TDM) one-line data mode, that packs multiple
channels of PCM audio on a single data line. The total number possible depends on the ratio of
SCLK to LRCLK and the version of chip. For example, the CS47048 hardware supports up to 32
channels in one line mode @ 48 kHz. There is also a practical limitation set by the amount of
processing required per channel.
4.3.6 S/PDIF TX Output Port (DAO)
Two of the serial audio pins can be re-configured as S/PDIF TX pins that drive a bi-phase encoded
S/PDIF signal (data with embedded clock on a single line). The S/PDIF engine can be driven by a
clock domain independent of the PCM output port by utilizing one of the internal SRCs.
4.3.7 Sample Rate Converters (SRC)
The CS47048 has 3 internal SRC modules. Two of the SRC modules are capable of converting 8
Channels, and one SRC has 4-Channel capability.
The ADCs are directly associated with a 4-Channel SRC which is used to transfer data from the
fixed 96/192 kHz Fs domain into an Fs appropriate for mixing with other audio in the system. When
the Analog Inputs are not being used, this SRC can be used to convert digital data within the DSP
from the input Fs (Fsi) to the output Fs (Fso).
The DACs are directly associated with an 8-Channel SRC which is used to transfer data from the
Fs being processed by the DSP to a fixed 96 kHz Fs domain for conversion to analog. When the
Analog Outputs are not being used, this SRC can be used to convert digital data within the DSP
from Fsi to Fso.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com