Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 24Page - Cirrus Logic CS47048 Datasheet HTML 25Page - Cirrus Logic CS47048 Datasheet HTML 26Page - Cirrus Logic CS47048 Datasheet HTML 27Page - Cirrus Logic CS47048 Datasheet HTML 28Page - Cirrus Logic CS47048 Datasheet HTML 29Page - Cirrus Logic CS47048 Datasheet HTML 30Page - Cirrus Logic CS47048 Datasheet HTML 31Page - Cirrus Logic CS47048 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
28
Copyright 2008 Cirrus Logic
DS787A7
5.17.2 Analog Output Characteristics (Automotive)
(Test Conditions (unless otherwise specified): TA = -40 to +85°C; VDD = 1.8V±5%, VDDA(VA) = 3.3V±5%; 1 kHz
sine wave driven through a filter shown in Figure 13 on page 28 or Figure 14 on page 29; DSP running test applica-
tion; Measurement Bandwidth is 20 Hz to 20 kHz.)
Notes:
1. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin due to typical
leakage through the electrolytic DC-blocking capacitors.
2. Guaranteed by design. RL and CL reflect the recommended minimum resistance and maximum capacitance
required for the internal op-amp's stability and signal integrity. In this circuit topology, CL represents any capacitive
loading that appears before the 560
Ω series resistor (typically parasitic), and will effectively move the dominant pole
of the two-pole amp in the output stage. Increasing this value beyond the recommended 100 pF can cause the
internal op-amp to become unstable.
Figure 13. DAC Single-Ended Output Test Circuit
Parameter
Differential
Min
Typ
Max
Single-Ended
Min
Typ
Max
Unit
Fs = 96 kHz
Dynamic Range
A-weighted
unweighted
100
97
108
105
-
-
97
94
105
102
-
-
dB
dB
Total Harmonic Distortion + Noise
0 dB
-20 dB
-60 dB
-
-
-
-98
-88
-48
-90
-
-
-
-
-
-95
-85
-45
-87
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
95
-
-
95
-
dB
Analog Output
Full-Scale Output
TBD
1.35•VA
TBD
TBD
0.68•VA
TBD
VPP
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±120
-
-
±120
-
ppm/°C
Output Impedance
-
100
-
-
100
-
Ω
DC Current draw from an AOUT pin1
--
10
-
-
10
μA
AC-Load Resistance (RL)
2
3-
-
3
-
-
k
Ω
Load Capacitance (CL)
2
-
-
100
-
-
100
pF
AOUT_x+
3.3 µF
CL
RL
AOUT
2200pF
560
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com