Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 26Page - Cirrus Logic CS47048 Datasheet HTML 27Page - Cirrus Logic CS47048 Datasheet HTML 28Page - Cirrus Logic CS47048 Datasheet HTML 29Page - Cirrus Logic CS47048 Datasheet HTML 30Page - Cirrus Logic CS47048 Datasheet HTML 31Page - Cirrus Logic CS47048 Datasheet HTML 32Page - Cirrus Logic CS47048 Datasheet HTML 33Page - Cirrus Logic CS47048 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
DS787A7
Copyright 2008 Cirrus Logic
33
10. Parameter Definitions
10.1 Dynamic Range
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the
specified bandwidth. Dynamic Range is a signal-to-noise ratio measurement over the specified
bandwidth made with a -60 dBFS signal. 60 dB is added to resulting measurement to refer the
measurement to full-scale. This technique ensures that the distortion components are below the
noise level and do not affect the measurement. This measurement technique has been accepted
by the Audio Engineering Society, AES17-1991, and the Electronic Industries Association of
Japan, EIAJ CP-307. Expressed in decibels.
10.2 Total Harmonic Distortion + Noise
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the
specified bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in
decibels. Measured at -1 and -20 dBFS as suggested in AES17-1991 Annex A.
10.3 Frequency Response
A measure of the amplitude response variation from 10 Hz to 20 kHz relative to the amplitude
response at 1 kHz. Units in decibels.
10.4 Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the
converter's output with no signal to the input under test and a full-scale signal applied to the other
channel. Units in decibels.
10.5 Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
10.6 Gain Error
The deviation from the nominal full-scale analog output for a full-scale digital input.
10.7 Gain Drift
The change in gain value with temperature. Units in ppm/°C.
11. Revision History
Revision
Date
Changes
A7
October 16, 2008
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com