Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 10Page - Cirrus Logic CS47048 Datasheet HTML 11Page - Cirrus Logic CS47048 Datasheet HTML 12Page - Cirrus Logic CS47048 Datasheet HTML 13Page - Cirrus Logic CS47048 Datasheet HTML 14Page - Cirrus Logic CS47048 Datasheet HTML 15Page - Cirrus Logic CS47048 Datasheet HTML 16Page - Cirrus Logic CS47048 Datasheet HTML 17Page - Cirrus Logic CS47048 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
14
Copyright 2008 Cirrus Logic
DS787A7
5.4 Power Supply Characteristics
Note:Measurements performed under operating conditions)
5.5 Thermal Data (100-Pin LQFP with Exposed Pad)
Parameter
Min
Typ
Max
Unit
Operational Power Supply Current:
VDD: Core and I/O operating1
VDDA: PLL operating current
VDDA: DAC operating current (all 8 channels enabled)
VDDA: ADC operating current (all 4 channels enabled)
VDDIO: With most ports operating
Total Operational Power Dissipation:
Standby Power Supply Current:
VDD: Core and I/O not clocked
VDDA: PLLs halted
VDDA: DAC disabled
VDDA: ADC disabled
VDDIO: All connected I/O pins 3-stated by other ICs in system
Total Standby Power Dissipation:
1. Dependent on application firmware and DSP clock speed.
-
-
-
-
-
-
-
-
-
-
325
16
56
34
27
1025
140
1.2
100
10
0.4
620
-
-
-
-
-
-
-
-
-
-
mA
mA
mA
mA
mA
mW
μA
μA
μA
μA
μA
μW
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
1. To calculate the die temperature for a given power dissipation:
Τ
j = Ambient temperature + [ (Power Dissipation in Watts) * θja ]
2. To calculate the case temperature for a given power dissipation:
Τ
c = Τj - [ (Power Dissipation in Watts) * ψ jt ]
Note:Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20%
of the top & bottom layers.
Note:Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20%
of the top & bottom layers and 0.5-oz. copper covering 90% of the internal power plane & ground plane layers.
θ
ja
-
-
34
18
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
0.54
.28
-
-
°C / Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com