Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 26Page - Cirrus Logic CS47048 Datasheet HTML 27Page - Cirrus Logic CS47048 Datasheet HTML 28Page - Cirrus Logic CS47048 Datasheet HTML 29Page - Cirrus Logic CS47048 Datasheet HTML 30Page - Cirrus Logic CS47048 Datasheet HTML 31Page - Cirrus Logic CS47048 Datasheet HTML 32Page - Cirrus Logic CS47048 Datasheet HTML 33Page - Cirrus Logic CS47048 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
30
Copyright 2008 Cirrus Logic
DS787A7
6. Ordering Information
The CS47048 DSP part numbers are described as follows:
CS47048I-XYZR
where
I
- ROM ID Letter
X
- Product Grade
Y
- Package Type
Z
- Lead (Pb) Free
R
- Tape and Reel Packaging
NOTE: Please contact the factory for availability of the -D (automotive grade) package.
7. Environmental, Manufacturing, & Handling Information
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Table 4. Ordering Information
Part No.
Grade
Temp. Range
Package
CS47048B-CQZ
Commercial
0 to +70 °C
100-pin LQFP
CS47048B-DQZ
Automotive
-40 to +85 °C
Table 5. Environmental, Manufacturing, & Handling Information
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS47048B-CQZ
260 °C
3
7 days
CS47048B-DQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com