Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 1 Page - Cirrus Logic

  CS47048 Datasheet HTML 1Page - Cirrus Logic CS47048 Datasheet HTML 2Page - Cirrus Logic CS47048 Datasheet HTML 3Page - Cirrus Logic CS47048 Datasheet HTML 4Page - Cirrus Logic CS47048 Datasheet HTML 5Page - Cirrus Logic CS47048 Datasheet HTML 6Page - Cirrus Logic CS47048 Datasheet HTML 7Page - Cirrus Logic CS47048 Datasheet HTML 8Page - Cirrus Logic CS47048 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Copyright 2008 Cirrus Logic
OCT ’08
CONFIDENTIAL
DS787A7
CS47048 Data Sheet
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
FEATURES
Cost-effective, High-performance 32-bit DSP
— 300,000,000 MAC/S (multiply accumulates per second)
— Dual MAC cycles per clock
— 72-bit accumulators are the most accurate in the industry
— 32K x 32-bit SRAM with three 2K blocks assignable to either
Y data or program memory.
Integrated DAC & ADC Functionality
— 8 Channels of DAC output: 108dB DR, 98dB THD+N
— 4 Channels of ADC input: 105dB DR, 98dB THD+N
— Integrated 5:1 analog mux feeds one stereo ADC
Configurable Serial Audio Inputs/Outputs
— Integrated 192 kHz S/PDIF Rx
— Integrated 192 kHz S/PDIF Tx
— Supports 32-bit Serial Data @ 192 kHz
— Supports 32-bit audio sample I/O between DSP chips
— TDM I/O modes (Up to 8 channels per line)
Supports Different Fs Sample Rates
— Three Integrated hardware SRC blocks
— Output can be master or slave
— Supports dual-domain Fs on inputs (S/PDIF Rx and I2S)
— Supports dual-domain Fs on outputs (S/PDIF Tx and I2S)
DSP Tool Set w/ Private Keys Protect Customer IP
Integrated Clock Manager/PLL
— Flexibility to operate from internal PLL, external crystal,
external oscillator
Input Fs Auto Detection w/ µC Acknowledgement
Host & Boot via SPI / I2C Serial Interface
Configurable GPIOs and External Interrupt Input
1.8V Core and a 3.3V I/O that is tolerant to 5V input
Low-power Mode: 620µW
The CS47048 family is a new generation of audio system-on-a-
chip (ASOC) processors targeted at high fidelity, cost sensitive
designs. Derived from the highly successful CS48500 32-bit
fixed point audio enhancement processor family, the CS47048
further simplifies system design and reduces total system cost
by integrating the S/PDIF Rx, S/PDIF Tx, analog inputs, analog
outputs, and SRCs to simplify system design. For example, a
hardware SRC can down-sample a 192kHz S/PDIF stream to a
lower Fs to reduce memory and MIPS requirements for
processing. This integration effectively reduces the chip count
from 3 to 1 which allows smaller, less expensive board designs.
Target applications are:
— Automotive Head Units & Outboard Amplifiers
— Automotive Processors & Automotive Integration Hubs
— Digital TV
— MP3 Docking Stations
— AVR and DVD RX
— DSP Controlled Speakers (e.g. Subwoofers, Sound
Bars)
The CS47048 is programmed using the simple yet powerful
Cirrus proprietary DSP Composer™ GUI development and pre-
production tuning tool. Processing chains may be designed
using a drag-and-drop interface to place/utilize functional
macro audio DSP primitives and custom audio filtering blocks.
The end result is a software image that is downloaded to the
DSP via serial control port.
DSP programming could not be easier for the novice or small
engineering development group. DSP Composer provides the
programmer with faster time-to-market opportunities and the
ability to implement custom code.
The CS47048 is available in a 100-pin LQFP package with
exposed
pad
for
better
thermal
characteristics.
Both
Commercial (0
°C to +70°C) and Automotive (-40°C to +85°C)
temperature grades.
Ordering Information:
See page 30 for ordering information
x8
x4
x2
x2
DAC0
text
Coyote32
32-bit DSP
DMA
SPI / I
2C
Control
I
2S /
TDM
ADC0/1
I
2S / TDM
I
2S / TDM /
SPDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I
2S /
TDM /
SPDIF
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
S
R
C
3
8ch
8ch
SRC3 has 8
independent Channels
for In or Out
4ch


Similar Part No. - CS47048

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47048C-CQZ CIRRUS-CS47048C-CQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
CS47048C-DQZ CIRRUS-CS47048C-DQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
More results

Similar Description - CS47048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
logo
Cirrus Logic
CS470XX CIRRUS-CS470XX Datasheet
692Kb / 40P
Audio SOC Processor Family
logo
C-Media Electronics
CM7001 CMEDIA-CM7001 Datasheet
703Kb / 29P
Voice and Audio Processor SOC Powered By Xear Sound Technologies
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Silicon Laboratories
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
EFR32BG22 Wireless Gecko SoC Family
EFR32BG24 SILABS-EFR32BG24 Datasheet
2Mb / 128P
EFR32BG24 Wireless SoC Family
Rev. 1.0
EFR32FG23 SILABS-EFR32FG23 Datasheet
2Mb / 144P
EFR32FG23 Wireless SoC Family
Rev. 1.1
EFR32MG24 SILABS-EFR32MG24 Datasheet
2Mb / 131P
EFR32MG24 Wireless SoC Family
Rev. 1.0
EFR32ZG23 SILABS-EFR32ZG23 Datasheet
2Mb / 129P
EFR32ZG23 Wireless SoC Family
Rev. 1.1
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com